Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6433048F Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD6433048F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
Download  905 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433048F Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD6433048F Datasheet HTML 4Page - Renesas Technology Corp HD6433048F Datasheet HTML 5Page - Renesas Technology Corp HD6433048F Datasheet HTML 6Page - Renesas Technology Corp HD6433048F Datasheet HTML 7Page - Renesas Technology Corp HD6433048F Datasheet HTML 8Page - Renesas Technology Corp HD6433048F Datasheet HTML 9Page - Renesas Technology Corp HD6433048F Datasheet HTML 10Page - Renesas Technology Corp HD6433048F Datasheet HTML 11Page - Renesas Technology Corp HD6433048F Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 905 page
background image
Rev. 7.00 Sep 21, 2005 page viii of xxiv
Item
Page
Revision (See Manual for Details)
19.5.6 Erasing
Flowchart and
Sample Program
Flowchart for
Erasing One Block
Figure 19.10
Erasing Flowchart
610
Figure amended
Enable watchdog timer
Wait initial value setting x = 6.25 ms
*2
Select erase mode
(E bit = 1 in FLMCR)
Clear E bit
Disable watchdog timer
Set top address in block
as verify address
Select erase-verify mode
(EV bit = 1)
Wait (tVS1) µs
Dummy write to verify address*3
(flash memory latches address)
Verify (read memory)*4
Last address?
Address + 1
→ address
Yes
OK
No
No good
No
No
Yes
Yes
Clear EV bit
Clear erase block register
(clear bit of erased block to 0)
End of block erase
Clear EV bit
Erase error
n
≥ N?
n
≥ 5?
Erase-verify ends
Erasing ends
n + 1
Double the erase time
(x
× 2 → x)
→ n
V
E
PP
Clear
bit
V
E
PP
Clear
bit
Wait (x) ms
Wait (tVS2) µs
Clear erase block register
(clear bit of block to be
erased to 0)
5. tVS1: 4
µs
z:
5 to 10
µs
tVS2: 2 µs
N:
602
6. The erase time x is successively
incremented by the initial set
value
× 2n–1 (n = 1, 2, 3, 4). An
initial value of 6.25 ms or less
should be set, and the time for
one erasure should be 50 ms or
less.
*5
*5
*6


Similar Part No. - HD6433048F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433048 HITACHI-HD6433048 Datasheet
2Mb / 867P
   Hitachi Single-Chip Microcomputer
logo
Renesas Technology Corp
HD6433048B RENESAS-HD6433048B Datasheet
4Mb / 901P
   8-Bit Single-Chip Microcomputer
HD6433048BV RENESAS-HD6433048BV Datasheet
4Mb / 901P
   8-Bit Single-Chip Microcomputer
More results

Similar Description - HD6433048F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H83068F RENESAS-H83068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83028 RENESAS-H83028 Datasheet
8Mb / 923P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83029 RENESAS-H83029 Datasheet
4Mb / 1010P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83024 RENESAS-H83024 Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H8-3067 RENESAS-H8-3067 Datasheet
4Mb / 963P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H836912 RENESAS-H836912 Datasheet
3Mb / 440P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836049 RENESAS-H836049 Datasheet
3Mb / 562P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com