Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2320 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # H8S2320
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
Download  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2320 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button H8S2320 Datasheet HTML 4Page - Renesas Technology Corp H8S2320 Datasheet HTML 5Page - Renesas Technology Corp H8S2320 Datasheet HTML 6Page - Renesas Technology Corp H8S2320 Datasheet HTML 7Page - Renesas Technology Corp H8S2320 Datasheet HTML 8Page - Renesas Technology Corp H8S2320 Datasheet HTML 9Page - Renesas Technology Corp H8S2320 Datasheet HTML 10Page - Renesas Technology Corp H8S2320 Datasheet HTML 11Page - Renesas Technology Corp H8S2320 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1302 page
background image
Rev.6.00 Sep. 27, 2007 Page viii of xxx
REJ09B0220-0600
Item
Page
Revision (See Manual for Details)
1.3.1 Pin Arrangement
Figure 1.8
HD64F2329B Pin
Arrangement (FP-
128B: Top View)
15
Figure added
1.3.3 Pin Functions
Table 1.3 Pin Functions
26
Table amended
MD2
MD1
MD0
Operating
Mode
0
0
1
1
0
Mode 2*
1
1
Mode 3*
1
1
0
0
Mode 4*
2
1
Mode 5*
2
1
0
Mode 6
1
Mode 7
6.3.5 Chip Select
Signals
169
Description amended
Enabling or disabling of the
CSn signal is performed by setting
the data direction register (DDR) for the port corresponding to
the particular
CSn pin and either the CS167 enable bit
(CS167E) or the CS25 enable bit (CS25E).
In ROM-disabled expansion mode, the
CS0 pin is placed in the
output state after a power-on reset. Pins
CS1 to CS7 are placed
in the input state after a power-on reset, so the corresponding
DDR bits, and CS167E or CS25E, should be set to 1 when
outputting signals
CS1 to CS7.
In ROM-enabled expansion mode, pins
CS0 to CS7 are all
placed in the input state after a power-on reset, so the
corresponding DDR bits, and CS167E or CS25E, should be set
to 1 when outputting signals
CS0 to CS7.


Similar Part No. - H8S2320

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2332 RENESAS-H8S2332 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2337 RENESAS-H8S2337 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2338 RENESAS-H8S2338 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
More results

Similar Description - H8S2320

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2378 RENESAS-H8S2378 Datasheet
7Mb / 1203P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2368 RENESAS-H8S2368 Datasheet
6Mb / 1037P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com