Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432192 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD6432192
Description  Renesas 16-Bit Single-Chip Microcomputer
Download  1078 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432192 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD6432192 Datasheet HTML 7Page - Renesas Technology Corp HD6432192 Datasheet HTML 8Page - Renesas Technology Corp HD6432192 Datasheet HTML 9Page - Renesas Technology Corp HD6432192 Datasheet HTML 10Page - Renesas Technology Corp HD6432192 Datasheet HTML 11Page - Renesas Technology Corp HD6432192 Datasheet HTML 12Page - Renesas Technology Corp HD6432192 Datasheet HTML 13Page - Renesas Technology Corp HD6432192 Datasheet HTML 14Page - Renesas Technology Corp HD6432192 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1078 page
background image
Rev.3.00 Jan. 10, 2007 page xi of xxxvi
REJ09B0328-0300
Item
Page
Revision (See Manual for Details)
28.13.6 Operation
Figure 28.50 Example
of CTLM Switchover
Timing (When Phase
Control Is Performed
by REF30P and
DVCFG2 in REC
Mode)
751
Figure 28.50 amended
(Before) PDCR3
→ (After) PCDR3
Figure 28.51 Example
of CTLM Switchover
Timing (When Phase
Control Is Performed
by CREF and DVCFG2
in REC Mode)
752
Figure 28.51 amended
Ta is the interval calculated from RCDR3. …
28.18.9 CTL Output
Section
Table 28.21 REC-CTL
Duty Register and CTL
Outputs
762
Table 28.21 amended
(Before) 65.5
±0.5% → (After) 62.5 ±0.5%
28.15.6 Noise
Detection
790
(1) Example of Setting
Description amended
∴HPWR3 - 0 = H'B
29.2.7 Flash Memory
Characteristics
Table 29.12 Flash
Memory Characteristics
(Preliminary)
824
Table 29.12 amended
Item
Symbol
Min Typ
Max
Unit
Test
Conditions
Erasing time*
1*3*5
tE
100
1200
ms/
block
Reprogramming count
NWEC
x
100
*7
10000
*8
Times
Data retention time*
9
tDRP
10
——
Years
Wait time after SWE-bit setting*
1
10
μs
At
Programming
825
Notes 7 to 9 added
Notes: 7. Minimum number of times for which all
characteristics are guaranteed after rewriting (Guarantee range
is 1 to minimum value).
8. Reference value for 25°C (as a guideline, rewriting should
normally function up to this value).
9. Data retention characteristic when rewriting is performed
within the specification range, including the minimum value.


Similar Part No. - HD6432192

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432196R RENESAS-HD6432196R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432196S RENESAS-HD6432196S Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432197R RENESAS-HD6432197R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432197S RENESAS-HD6432197S Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432198R RENESAS-HD6432198R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432192

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3664BPV RENESAS-HD64F3664BPV Datasheet
2Mb / 446P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F38602R RENESAS-HD64F38602R Datasheet
3Mb / 552P
   Renesas 16-Bit Single-Chip Microcomputer
H8S33 RENESAS-H8S33 Datasheet
7Mb / 1489P
   Renesas 16-Bit Single-Chip Microcomputer
H8S29 RENESAS-H8S29 Datasheet
7Mb / 1304P
   Renesas 16-Bit Single-Chip Microcomputer
H8S-2427 RENESAS-H8S-2427 Datasheet
7Mb / 1270P
   Renesas- 16-bit single-chip microcomputer
Rev.3.00 2012.09
H8S43 RENESAS-H8S43 Datasheet
6Mb / 1279P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F2168 RENESAS-HD64F2168 Datasheet
4Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer
H838799 RENESAS-H838799 Datasheet
4Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer
H83069RF RENESAS-H83069RF Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
3069RF-ZTAT RENESAS-3069RF-ZTAT Datasheet
4Mb / 1003P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com