Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F2148A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD64F2148A
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
Download  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2148A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD64F2148A Datasheet HTML 7Page - Renesas Technology Corp HD64F2148A Datasheet HTML 8Page - Renesas Technology Corp HD64F2148A Datasheet HTML 9Page - Renesas Technology Corp HD64F2148A Datasheet HTML 10Page - Renesas Technology Corp HD64F2148A Datasheet HTML 11Page - Renesas Technology Corp HD64F2148A Datasheet HTML 12Page - Renesas Technology Corp HD64F2148A Datasheet HTML 13Page - Renesas Technology Corp HD64F2148A Datasheet HTML 14Page - Renesas Technology Corp HD64F2148A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1177 page
background image
Rev. 4.00 Sep 27, 2006 page xi of xliv
Item
Page
Revision (See Manual for Details)
8.11.3 Pin Functions
Table 8.23 Port A Pin
Functions
270
Table 8.23 amended
Pin
Selection Method and Pin Functions
PA1/A17/
KIN9/
CIN9
The pin function is switched as shown below according to the combination of
operating mode, the IOSE bit in SYSCR, and bit PA1DDR.
Operating
mode
Modes 1,
2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
PA1DDR
0
1
0
1
IOSE
——
01
Pin function
PA1
input pin
PA1
output pin
PA1
input pin
A17
output pin
PA1
output pin
KIN9 input pin, CIN9 input pin
This pin can always be used as the
KIN9 or CIN9 input pin.
PA0/A16/
KIN8/
CIN8
The pin function is switched as shown below according to the combination of
operating mode, the IOSE bit in SYSCR, and bit PA0DDR.
Operating
mode
Modes 1,
2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
PA0DDR
0
1
0
1
IOSE
——
01
Pin function
PA0
input pin
PA0
output pin
PA0
input pin
A16
output pin
PA0
output pin
KIN8 input pin, CIN8 input pin
This pin can always be used as the
KIN8 or CIN8 input pin.
9.3.1 Correspondence
between PWM Data
Register Contents and
Output Waveform
Table 9.4 Duty Cycle of
Basic Pulse
289
Description of upper 6 bits changed to of upper 4 bits
10.3 Bus Master
Interface
299
Description amended
... Example 2: Read DADRA
MOV.W @DADRA, R0
; Transfer contents of DADRA to R0
10.4 Operation
Table 10.4 Settings and
Operation (Examples
when
φ = 10 MHz)
303
Table 10.4 amended
Fixed DADR Bits
Bit Data
CKS
Resolution
T
(µs)
CFS
Base
Cycle
(µs)
Conversion
Cycle
(µs)
T
L (if OS = 0)
T
H (if OS = 1)
Precision
(Bits)
32 10
Conversion
Cycle*
(µs)
0
0.1
0
6.4
1638.4
1. Always low (or high)
level output
(DADR = H'0001 to
H'03FD)
14
1638.4
1
25.6
1638.4
1. Always low (or high)
level output
(DADR = H'0003 to
H'00FF)
14
1638.4
1
0.2
0
12.8
3276.8
1. Always low (or high)
level output
(DADR = H'0001 to
H'03FD)
14
3276.8
1
51.2
3276.8
1. Always low (or high)
level output
(DADR = H'0003 to
H'00FF)
14
3276.8


Similar Part No. - HD64F2148A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2148A RENESAS-HD64F2148A Datasheet
4Mb / 1140P
   HARDWARE MANUAL
HD64F2148AV RENESAS-HD64F2148AV Datasheet
4Mb / 1140P
   HARDWARE MANUAL
More results

Similar Description - HD64F2148A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2172 RENESAS-H8S-2172 Datasheet
4Mb / 570P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2168 RENESAS-H8S2168 Datasheet
5Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2158 RENESAS-H8S2158 Datasheet
6Mb / 927P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2199R RENESAS-H8S2199R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2110B RENESAS-H8S2110B Datasheet
3Mb / 559P
   Renesas 16-Bit Single-Chip Microcomputer Renesas H8S Family/H8S/2100 Series
H8S2111B RENESAS-H8S2111B Datasheet
3Mb / 582P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2189R RENESAS-H8S2189R Datasheet
4Mb / 812P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2116 RENESAS-H8S2116 Datasheet
4Mb / 842P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2117 RENESAS-H8S2117 Datasheet
5Mb / 968P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2214 RENESAS-H8S-2214 Datasheet
5Mb / 936P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com