Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F2169 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD64F2169
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
Download  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2169 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD64F2169 Datasheet HTML 5Page - Renesas Technology Corp HD64F2169 Datasheet HTML 6Page - Renesas Technology Corp HD64F2169 Datasheet HTML 7Page - Renesas Technology Corp HD64F2169 Datasheet HTML 8Page - Renesas Technology Corp HD64F2169 Datasheet HTML 9Page - Renesas Technology Corp HD64F2169 Datasheet HTML 10Page - Renesas Technology Corp HD64F2169 Datasheet HTML 11Page - Renesas Technology Corp HD64F2169 Datasheet HTML 12Page - Renesas Technology Corp HD64F2169 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 1075 page
background image
Rev. 3.00 Jan 18, 2006 page ix of xxviii
Item
Page
Revision (See Manual for Details)
24.12 Usage Notes
24.12.1 On-Chip
Peripheral Module
24.12.2 Entering
Subactive/Watch
Mode and DTC
Module Mode
770
Section 24.12 added
25.6 Flash Memory
Characteristics
Table 25.15 Flash
Memory
Characteristics
805
Table 25.15 amended
Item
Symbol
Min
Typ
Max
Unit
Test
Condition
Programming time*
1
*2 *4
tP
10
200
ms/
128 bytes
Erase time*
1
*3 *6
tE
100
1200
ms/block
Reprogramming count
N
WEC
100*
8
10000*
9
Times
Data retention time*
10
t
DRP
10
Years
806
Notes *8, *9, and *10 added
Notes: 8. Minimum number of times for which all characteristics
are guaranteed after rewriting (Guarantee range is 1 to
minimum value).
9. Reference value for 25C
° (as a guide line, rewriting should
normally function up to this value).
10. Data retention characteristics when rewriting is performed
within the specification range, including the minimum value.
A.5 Bus Status
during Instruction
Execution
Table A.6 Instruction
Execution Cycle
867, 872,
873
Note
* 9 deleted
B.2 Register
Selection Conditions
884
Table amended
Lower
Address
Register
Name
H8S/2149 Register
Selection Conditions
H8S/2169 Register
Selection Conditions
Module Name
H'FE43
HICR3
H'FE44
WUEMRB
MSTP0 = 0
MSTP0 = 0
Interrupt controller
H'FE46
PGODR
No conditions
Ports
B.3 Functions
927
SYSCR2 H'FF83 HIF (XBS)
Figure added


Similar Part No. - HD64F2169

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2169 RENESAS-HD64F2169 Datasheet
4Mb / 1035P
   Hitachi 16-Bit Single-Chip Microcomputer
More results

Similar Description - HD64F2169

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2172 RENESAS-H8S-2172 Datasheet
4Mb / 570P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2168 RENESAS-H8S2168 Datasheet
5Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2158 RENESAS-H8S2158 Datasheet
6Mb / 927P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2199R RENESAS-H8S2199R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2110B RENESAS-H8S2110B Datasheet
3Mb / 559P
   Renesas 16-Bit Single-Chip Microcomputer Renesas H8S Family/H8S/2100 Series
H8S2111B RENESAS-H8S2111B Datasheet
3Mb / 582P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2148 RENESAS-H8S2148 Datasheet
6Mb / 1177P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2189R RENESAS-H8S2189R Datasheet
4Mb / 812P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2116 RENESAS-H8S2116 Datasheet
4Mb / 842P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2117 RENESAS-H8S2117 Datasheet
5Mb / 968P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2214 RENESAS-H8S-2214 Datasheet
5Mb / 936P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com