Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2194 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H8S2194
Description  Renesas 16-Bit Single-Chip Microcomputer
Download  1078 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2194 Datasheet(HTML) 5 Page - Renesas Technology Corp

  H8S2194 Datasheet HTML 1Page - Renesas Technology Corp H8S2194 Datasheet HTML 2Page - Renesas Technology Corp H8S2194 Datasheet HTML 3Page - Renesas Technology Corp H8S2194 Datasheet HTML 4Page - Renesas Technology Corp H8S2194 Datasheet HTML 5Page - Renesas Technology Corp H8S2194 Datasheet HTML 6Page - Renesas Technology Corp H8S2194 Datasheet HTML 7Page - Renesas Technology Corp H8S2194 Datasheet HTML 8Page - Renesas Technology Corp H8S2194 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1078 page
background image
Rev.3.00 Jan. 10, 2007 page v of xxxvi
REJ09B0328-0300
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
All
• Notification of change in company name amended
(Before) Hitachi, Ltd.
→ (After) Renesas Technology Corp.
• Product naming convention amended
(Before) H8S/2194 Series
→ (After) H8S/2194 Group
(Before) H8S/2194C Series
→ (After) H8S/2194C Group
2.8.1 Overview
Figure 2.15 State
Transitions
54
Figure 2.15 amended
RES = High
SLEEP instruction with LSON = 0, TMA3 = 0, SSBY = 0
4.2.3 Timer Register
A (TMA)
79
Table amended
• Timer A counts φ-based prescalar (PSS) divided clock pulses
• Timer A counts φw-based prescalar (PSW) divided clock
pulses
4.6.1 Standby Mode
83
Description amended
… RAM as well as functions of the SCI1, timer X1 …
4.6.2 Clearing
Standby Mode
83
(1) Clearing with an Interrupt
... in bits STS2 to STS0 in SBYCR, stable clocks are supplied
...
6.2.6 Port Mode
Register (PMR1)
106
Table amended
P1n/
IRQn pin functions as the IRQn input pin
7.2.5 Register
Configuration
Table 7.3 Flash
Memory Registers
132
Access size description deleted from table 7.3
7.4.1 Boot Mode
143
(1) Automatic SCI Bit Rate Adjustment
Description amended
… bit rate should be set to (4800, or 9600) bps. …
8.4.1 Boot Mode
191
(1) Automatic SCI Bit Rate Adjustment
Description amended
… bit rate should be set to (4800, or 9600) bps. …
8.5
Programming/Erasing
Flash Memory
195
Description amended
… PSU2, ESU2, P2, E2, PV2, and EV2 bits in FLMCR2. …


Similar Part No. - H8S2194

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2199R RENESAS-H8S2199R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - H8S2194

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3664BPV RENESAS-HD64F3664BPV Datasheet
2Mb / 446P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F38602R RENESAS-HD64F38602R Datasheet
3Mb / 552P
   Renesas 16-Bit Single-Chip Microcomputer
H8S33 RENESAS-H8S33 Datasheet
7Mb / 1489P
   Renesas 16-Bit Single-Chip Microcomputer
H8S29 RENESAS-H8S29 Datasheet
7Mb / 1304P
   Renesas 16-Bit Single-Chip Microcomputer
H8S-2427 RENESAS-H8S-2427 Datasheet
7Mb / 1270P
   Renesas- 16-bit single-chip microcomputer
Rev.3.00 2012.09
H8S43 RENESAS-H8S43 Datasheet
6Mb / 1279P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F2168 RENESAS-HD64F2168 Datasheet
4Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer
H838799 RENESAS-H838799 Datasheet
4Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer
H83069RF RENESAS-H83069RF Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
3069RF-ZTAT RENESAS-3069RF-ZTAT Datasheet
4Mb / 1003P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com