Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30291FATHP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M30291FATHP
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
Download  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30291FATHP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M30291FATHP Datasheet HTML 2Page - Renesas Technology Corp M30291FATHP Datasheet HTML 3Page - Renesas Technology Corp M30291FATHP Datasheet HTML 4Page - Renesas Technology Corp M30291FATHP Datasheet HTML 5Page - Renesas Technology Corp M30291FATHP Datasheet HTML 6Page - Renesas Technology Corp M30291FATHP Datasheet HTML 7Page - Renesas Technology Corp M30291FATHP Datasheet HTML 8Page - Renesas Technology Corp M30291FATHP Datasheet HTML 9Page - Renesas Technology Corp M30291FATHP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 499 page
background image
3.
Register Notation
The symbols and terms used in register diagrams are described below.
*1
Blank: Set to 0 or 1 according to the application.
0: Set to 0.
1: Set to 1.
X: Nothing is assigned.
*2
RW: Read and write.
RO: Read only.
WO: Write only.
−: Nothing is assigned.
*3
• Reserved bit
Reserved bit. Set to specified value.
*4
• Nothing is assigned
Nothing is assigned to the bit. As the bit may be used for future functions, if necessary, set to 0.
• Do not set to a value
Operation is not guaranteed when a value is set.
• Function varies according to the operating mode.
The function of the bit varies with the peripheral function mode. Refer to the register diagram for information
on the individual modes.
XXX Register
Symbol
Address
After Reset
XXX
XXX
0016
Bit Name
Bit Symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
XXX bits
1 0: XXX
0 1: XXX
1 0: Do not set.
1 1: XXX
b1 b0
XXX1
XXX0
XXX4
Reserved bits
XXX5
XXX7
XXX6
Function
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
XXX bit
Function varies according to the operating
mode.
Set to 0.
0
(b3)
(b2)
RW
RW
RW
RW
WO
RW
RO
XXX bits
0: XXX
1: XXX
*1
*2
*3
*4


Similar Part No. - M30291FATHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30201 MITSUBISHI-M30201 Datasheet
2Mb / 159P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30201 RENESAS-M30201 Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201 RENESAS-M30201 Datasheet
5Mb / 415P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
M30201E6-XXXFP RENESAS-M30201E6-XXXFP Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201E6-XXXSP RENESAS-M30201E6-XXXSP Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30291FATHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C64 RENESAS-M16C64 Datasheet
8Mb / 398P
   RENESAS MCU M16C FAMILY / M16C/60 SERIES
M16C65 RENESAS-M16C65 Datasheet
10Mb / 829P
   RENESAS MCU M16C FAMILY / M16C/60
R8C32A RENESAS-R8C32A Datasheet
6Mb / 603P
   MCU M16C FAMILY / R8C/Tiny SERIES
R8C33A RENESAS-R8C33A Datasheet
6Mb / 617P
   MCU M16C FAMILY / R8C/Tiny SERIES
R8C35A RENESAS-R8C35A Datasheet
8Mb / 766P
   MCU M16C FAMILY / R8C/Tiny SERIES
M32C8B RENESAS-M32C8B Datasheet
7Mb / 406P
   RENESAS MCU M16C FAMILY / M32C/80 SERIES
M32C8A RENESAS-M32C8A Datasheet
8Mb / 372P
   RENESAS MCU M16C FAMILY / M32C/80 Series
M30245 RENESAS-M30245_06 Datasheet
3Mb / 367P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
M16C28 RENESAS-M16C28 Datasheet
2Mb / 423P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M16C26A RENESAS-M16C26A Datasheet
2Mb / 352P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com