Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6283 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # 2N6283
Description  POWER TRANSISTORS(20A,160W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N6283 Datasheet(HTML) 2 Page - Mospec Semiconductor

  2N6283 Datasheet HTML 1Page - Mospec Semiconductor 2N6283 Datasheet HTML 2Page - Mospec Semiconductor 2N6283 Datasheet HTML 3Page - Mospec Semiconductor 2N6283 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A


Similar Part No. - 2N6283

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6283 ONSEMI-2N6283 Datasheet
214Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
Savantic, Inc.
2N6283 SAVANTIC-2N6283 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
2N6283 BOCA-2N6283 Datasheet
218Kb / 4P
   DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6283 CENTRAL-2N6283 Datasheet
489Kb / 2P
   COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
Microsemi Corporation
2N6283 MICROSEMI-2N6283 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
More results

Similar Description - 2N6283

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5879 MOSPEC-2N5879 Datasheet
180Kb / 4P
   POWER TRANSISTORS(15A,160W)
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
   POWER TRANSISTORS(20A,140W)
logo
MicroPower Direct, LLC
LBC-160 MPD-LBC-160 Datasheet
1Mb / 4P
   160W Output Power
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
MJ10024 MOSPEC-MJ10024 Datasheet
205Kb / 4P
   POWER TRANSISTORS(20A,750-850V,250W)
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
MJ10004 MOSPEC-MJ10004 Datasheet
182Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
MJ10008 MOSPEC-MJ10008 Datasheet
189Kb / 4P
   POWER TRANSISTORS(20A,400-500V,175W)
logo
Mean Well Enterprises C...
XBG-160 MEANWELL-XBG-160 Datasheet
2Mb / 8P
   160W Constant Power Mode LED Driver
logo
Sanken electric
STD03N SANKEN-STD03N Datasheet
398Kb / 8P
   High collector power dissipation: Pc=160W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com