Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M308A5SGP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M308A5SGP
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
Download  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M308A5SGP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M308A5SGP Datasheet HTML 1Page - Renesas Technology Corp M308A5SGP Datasheet HTML 2Page - Renesas Technology Corp M308A5SGP Datasheet HTML 3Page - Renesas Technology Corp M308A5SGP Datasheet HTML 4Page - Renesas Technology Corp M308A5SGP Datasheet HTML 5Page - Renesas Technology Corp M308A5SGP Datasheet HTML 6Page - Renesas Technology Corp M308A5SGP Datasheet HTML 7Page - Renesas Technology Corp M308A5SGP Datasheet HTML 8Page - Renesas Technology Corp M308A5SGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 372 page
background image
General Precautions in the Handling of MPU/MCU Products
The following usage notes are applicable to all MPU/MCU products from Renesas. For detailed usage notes
on the products covered by this manual, refer to the relevant sections of the manual. If the descriptions under
General Precautions in the Handling of MPU/MCU Products and in the body of the manual differ from each
other, the description in the body of the manual takes precedence.
1. Handling of Unused Pins
Handle unused pins in accord with the directions given under Handling of Unused Pins in the
manual.
 The input pins of CMOS products are generally in the high-impedance state. In operation
with an unused pin in the open-circuit state, extra electromagnetic noise is induced in the
vicinity of LSI, an associated shoot-through current flows internally, and malfunctions occur
due to the false recognition of the pin state as an input signal become possible. Unused
pins should be handled as described under Handling of Unused Pins in the manual.
2. Processing at Power-on
The state of the product is undefined at the moment when power is supplied.
 The states of internal circuits in the LSI are indeterminate and the states of register
settings and pins are undefined at the moment when power is supplied.
In a finished product where the reset signal is applied to the external reset pin, the states
of pins are not guaranteed from the moment when power is supplied until the reset
process is completed.
In a similar way, the states of pins in a product that is reset by an on-chip power-on reset
function are not guaranteed from the moment when power is supplied until the power
reaches the level at which resetting has been specified.
3. Prohibition of Access to Reserved Addresses
Access to reserved addresses is prohibited.
 The reserved addresses are provided for the possible future expansion of functions. Do
not access these addresses; the correct operation of LSI is not guaranteed if they are
accessed.
4. Clock Signals
After applying a reset, only release the reset line after the operating clock signal has become
stable. When switching the clock signal during program execution, wait until the target clock
signal has stabilized.
 When the clock signal is generated with an external resonator (or from an external
oscillator) during a reset, ensure that the reset line is only released after full stabilization of
the clock signal. Moreover, when switching to a clock signal produced with an external
resonator (or by an external oscillator) while program execution is in progress, wait until
the target clock signal is stable.
5. Differences between Products
Before changing from one product to another, i.e. to one with a different part number, confirm
that the change will not lead to problems.
The characteristics of MPU/MCU in the same group but having different part numbers may
differ because of the differences in internal memory capacity and layout pattern. When
changing to products of different part numbers, implement a system-evaluation test for
each of the products.


Similar Part No. - M308A5SGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M308A5SGP RENESAS-M308A5SGP Datasheet
1Mb / 67P
   RENESAS MCU
More results

Similar Description - M308A5SGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M32C8B RENESAS-M32C8B Datasheet
7Mb / 406P
   RENESAS MCU M16C FAMILY / M32C/80 SERIES
M32C87 RENESAS-M32C87 Datasheet
15Mb / 627P
   MCU M16C FAMILY / M32C/80 SERIES
M16C64 RENESAS-M16C64 Datasheet
8Mb / 398P
   RENESAS MCU M16C FAMILY / M16C/60 SERIES
M16C29 RENESAS-M16C29 Datasheet
3Mb / 499P
   RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
M16C65 RENESAS-M16C65 Datasheet
10Mb / 829P
   RENESAS MCU M16C FAMILY / M16C/60
M32C86 RENESAS-M32C86 Datasheet
3Mb / 505P
   RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
M32C88 RENESAS-M32C88 Datasheet
2Mb / 461P
   RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
M32C85 RENESAS-M32C85 Datasheet
3Mb / 542P
   16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
M16C80 RENESAS-M16C80 Datasheet
3Mb / 358P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
M32C80 RENESAS-M32C80 Datasheet
2Mb / 352P
   16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com