Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F36406NFA Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F36406NFA
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
Download  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36406NFA Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F36406NFA Datasheet HTML 7Page - Renesas Technology Corp R5F36406NFA Datasheet HTML 8Page - Renesas Technology Corp R5F36406NFA Datasheet HTML 9Page - Renesas Technology Corp R5F36406NFA Datasheet HTML 10Page - Renesas Technology Corp R5F36406NFA Datasheet HTML 11Page - Renesas Technology Corp R5F36406NFA Datasheet HTML 12Page - Renesas Technology Corp R5F36406NFA Datasheet HTML 13Page - Renesas Technology Corp R5F36406NFA Datasheet HTML 14Page - Renesas Technology Corp R5F36406NFA Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 398 page
background image
B - 4
Address
Register
Symbol
Page
028Ah
UART5 Transmit Buffer Register
U5TB
179
028Bh
028Ch
UART5 Transmit/Receive Control Register 0
U5C0
181
028Dh
UART5 Transmit/Receive Control Register 1
U5C1
182
028Eh
UART5 Receive Buffer Register
U5RB
170
028Fh
0290h
0291h
0292h
0293h
0294h
UART6 Special Mode Register 4
U6SMR4
185
0295h
UART6 Special Mode Register 3
U6SMR3
184
0296h
UART6 Special Mode Register 2
U6SMR2
184
0297h
UART6 Special Mode Register
U6SMR
183
0298h
UART6 Transmit/Receive Mode Register
U6MR
180
0299h
UART6 Bit Rate Register
U6BRG
180
029Ah
UART6 Transmit Buffer Register
U6TB
179
029Bh
029Ch
UART6 Transmit/Receive Control Register 0
U6C0
181
029Dh
UART6 Transmit/Receive Control Register 1
U6C1
182
029Eh
UART6 Receive Buffer Register
U6RB
179
029Fh
02A0h
02A1h
02A2h
02A3h
02A4h
UART7 Special Mode Register 4
U7SMR4
185
02A5h
UART7 Special Mode Register 3
U7SMR3
184
02A6h
UART7 Special Mode Register 2
U7SMR2
184
02A7h
UART7 Special Mode Register
U7SMR
183
02A8h
UART7 Transmit/Receive Mode Register
U7MR
180
02A9h
UART7 Bit Rate Register
U7BRG
180
02AAh
UART7 Transmit Buffer Register
U7TB
179
02ABh
02ACh
UART7 Transmit/Receive Control Register 0
U7C0
181
02ADh
UART7 Transmit/Receive Control Register 1
U7C1
182
02AEh
UART7 Receive Buffer Register
U7RB
179
02AFh
02B0h
to
02FFh
0300h
Timer B3,4,5 Count Start Flag
TBSR
156
0301h
0302h
Timer A1-1 Register
TA11
170
0303h
0304h
Timer A2-1 Register
TA21
170
0305h
0306h
Timer A4-1 Register
TA41
170
0307h
0308h
Three-Phase PWM Control Register 0
INVC0
167
0309h
Three-Phase PWM Control Register 1
INVC1
168
030Ah
Three-Phase Output Buffer Register 0
IDB0
169
030Bh
Three-Phase Output Buffer Register 1
IDB1
169
030Ch
Dead Time Timer
DTT
169
030Dh
Timer B2 Interrupt Generation Frequency Set
Counter
ICTB2
169
030Eh
030Fh
0310h
Timer B3 Register
TB3
155
0311h
0312h
Timer B4 Register
TB4
155
0313h
0314h
Timer B5 Register
TB5
155
0315h
0316h
0317h
0318h
0319h
Address
Register
Symbol
Page
031Ah
031Bh
Timer B3 Mode Register
TB3MR
155
031Ch
Timer B4 Mode Register
TB4MR
155
031Dh
Timer B5 Mode Register
TB5MR
155
031Eh
031Fh
0320h
Count Start Flag
TABSR
156
0321h
0322h
One-Shot Start Flag
ONSF
140
0323h
Trigger Select Register
TRGSR
140
0324h
Up/Down Flag
UDF
139
0325h
0326h
Timer A0 Register
TA0
152
0327h
0328h
Timer A1 Register
TA1
152
0329h
032Ah
Timer A2 Register
TA2
152
032Bh
032Ch
Timer A3 Register
TA3
152
032Dh
032Eh
Timer A4 Register
TA4
152
032Fh
0330h
Timer B0 Register
TB0
155
0331h
0332h
Timer B1 Register
TB1
155
0333h
0334h
Timer B2 Register
TB2
155
0335h
0336h
Timer A0 Mode Register
TA0MR
138
0337h
Timer A1 Mode Register
TA1MR
138
0338h
Timer A2 Mode Register
TA2MR
138
0339h
Timer A3 Mode Register
TA3MR
138
033Ah
Timer A4 Mode Register
TA4MR
138
033Bh
Timer B0 Mode Register
TB0MR
155
033Ch
Timer B1 Mode Register
TB1MR
155
033Dh
Timer B2 Mode Register
TB2MR
155
033Eh
Timer B2 Special Mode Register
TB2SC
170
033Fh
0340h
0341h
0342h
0343h
0344h
0345h
0346h
0347h
0348h
0349h
034Ah
034Bh
034Ch
034Dh
034Eh
034Fh
0350h
0351h
0352h
0353h
0354h
0355h
0356h
0357h
0358h
0359h
035Ah
035Bh
NOTE: 1. Blank columns are all reserved space. No access is allowed.


Similar Part No. - R5F36406NFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F36406CDFA RENESAS-R5F36406CDFA Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
R5F36406CDFB RENESAS-R5F36406CDFB Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
R5F36406CNFA RENESAS-R5F36406CNFA Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
R5F36406CNFB RENESAS-R5F36406CNFB Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
More results

Similar Description - R5F36406NFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C65 RENESAS-M16C65 Datasheet
10Mb / 829P
   RENESAS MCU M16C FAMILY / M16C/60
M16C29 RENESAS-M16C29 Datasheet
3Mb / 499P
   RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
M32C8B RENESAS-M32C8B Datasheet
7Mb / 406P
   RENESAS MCU M16C FAMILY / M32C/80 SERIES
M32C8A RENESAS-M32C8A Datasheet
8Mb / 372P
   RENESAS MCU M16C FAMILY / M32C/80 Series
M30245 RENESAS-M30245_06 Datasheet
3Mb / 367P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
M16C6NK RENESAS-M16C6NK Datasheet
2Mb / 404P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C1N RENESAS-M16C1N Datasheet
1Mb / 238P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
M16C80 RENESAS-M16C80 Datasheet
3Mb / 358P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
R8C35A RENESAS-R8C35A Datasheet
8Mb / 766P
   MCU M16C FAMILY / R8C/Tiny SERIES
M32C87 RENESAS-M32C87 Datasheet
15Mb / 627P
   MCU M16C FAMILY / M32C/80 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com