Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2720 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG2720
Description  2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2720 Datasheet(HTML) 7 Page - Vishay Siliconix

  DG2720 Datasheet HTML 1Page - Vishay Siliconix DG2720 Datasheet HTML 2Page - Vishay Siliconix DG2720 Datasheet HTML 3Page - Vishay Siliconix DG2720 Datasheet HTML 4Page - Vishay Siliconix DG2720 Datasheet HTML 5Page - Vishay Siliconix DG2720 Datasheet HTML 6Page - Vishay Siliconix DG2720 Datasheet HTML 7Page - Vishay Siliconix DG2720 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 74593
S-81473-Rev. C, 23-Jun-08
www.vishay.com
7
Vishay Siliconix
DG2720
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?74593.
Figure 2. Break-Before-Make Interval
CL (includes fixture and stray capacitance)
HSD2±
VHSD1±
HSD1±
VHSD2±
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90 %
tD
tD
OE
V+
GND
V+
CL
35 pF
VO
RL
50
Ω
VINL
VINH
S
Figure 3. Charge Injection
Off
On
On
IN
VOUT
VOUT
Q =
OUT x CL
CL = 1 nF
Rgen
VOUT
VIN = 0 - V+
OE
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+
HSD1±
or HSD2±
Vgen
S
Figure 4. Off-Isolation
OE
GND
HSD1± or HSD2±
0 V, 2.4 V
10 nF
Off Isolation
20 log
V
VHSD2± or HSD1±
RL
Analyzer
V+
V+
=
S
Figure 5. Channel Off/On Capacitance
HSD1±
or HSD2±
f = 1 MHz
OE
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+
S


Similar Part No. - DG2720

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2720 VISHAY-DG2720 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
DG2720DN-T1-E4 VISHAY-DG2720DN-T1-E4 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG2720

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 05-Sep-11
DG2730 VISHAY-DG2730_V01 Datasheet
162Kb / 10P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
08-Feb-17
DG2722 VISHAY-DG2722 Datasheet
130Kb / 8P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. B, 13-Oct-08
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
DG2722 VISHAY-DG2722_11 Datasheet
179Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. D, 18-Jul-11
DG2722 VISHAY-DG2722_V01 Datasheet
151Kb / 10P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_07 Datasheet
160Kb / 11P
   High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com