Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2717DX-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2717DX-T1-E3
Description  Low-Voltage, 0.45-Ω, SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2717DX-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2717DX-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG2717DX-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG2717DX-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG2717DX-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG2717DX-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG2717DX-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG2717DX-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG2717DX-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 73538
S-70852-Rev. B, 30-Apr-07
www.vishay.com
5
Vishay Siliconix
DG2717
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Switching Time vs. Temperature
0.00
10.00
20.00
30.00
40.00
50.00
60.00
- 40
- 15
10
3560
85
tOFF V+ = 1.8 V
tON V+ = 3.3 V
Temperature (°C)
tON V+ = 1.6 V
tON V+ = 1.8 V
tON V+ = 2.3 V
tOFF V+ = 1.6 V
tON V+ = 3.0 V
tON V+ = 4.3 V
tOFF V+ = 4.3 V
tOFF V+ = 3.0 V
tOFF V+ = 2.3 V
tOFF V+ = 3.3 V
Switching Threshold vs. Supply Voltage
Insertion Loss, Off-Isolation, Crosstalk vs. Frequency
V+ - Supply Voltage (V)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
Frequency (Hz)
10 M
1 G
100 M
100K
10 K
V+ = 3.0 V
RL = 50 Ω
LOSS
OIRR
XTALK
1M
Charge Injection vs. Analog Voltage
VCOM - Analog Voltage (v)
- 50
0
50
100
150
200
250
300
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
V+ = 1.8 V
V+ = 3 V
V+ = 4.3 V


Similar Part No. - DG2717DX-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
DG2711 VISHAY-DG2711 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
105Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
01-Jan-2022
DG2711DL-T1-E3 VISHAY-DG2711DL-T1-E3 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
More results

Similar Description - DG2717DX-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
   Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
Rev. B, 01-Jan-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
   0.25-Ω Low-Voltage Dual SPDT Analog Switch
Rev. F, 30-Apr-07
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
   0.45 ?? Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com