Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2616 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2616
Description  Low Voltage, Dual SPDT Analog Switch with Charge Pump
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2616 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2616 Datasheet HTML 1Page - Vishay Siliconix DG2616 Datasheet HTML 2Page - Vishay Siliconix DG2616 Datasheet HTML 3Page - Vishay Siliconix DG2616 Datasheet HTML 4Page - Vishay Siliconix DG2616 Datasheet HTML 5Page - Vishay Siliconix DG2616 Datasheet HTML 6Page - Vishay Siliconix DG2616 Datasheet HTML 7Page - Vishay Siliconix DG2616 Datasheet HTML 8Page - Vishay Siliconix DG2616 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 74411
S-82149-Rev. B, 08-Sep-08
www.vishay.com
5
Vishay Siliconix
DG2616, DG2617, DG2618
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
RON vs. VCOM and Supply Voltage
RON vs. Analog Voltage and Temperature
Leakage Current vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
11
12
13
0
1
2
3
4
5
V+ = 4.2 V
V+ = 5.0 V
V+ = 2.0 V
V+ = 2.7 V
V+ = 3.0 V
V+ = 3.6 V
T = 25 °C
INO/NC = 10 mA
V+ = 1.2 V
V+ = 1.5 V
VCOM - Analog Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
V+ = 3.6 V, Is = 10 mA
+ 85 °C
+ 25 °C
- 40 °C
VCOM - Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
10
100
1000
- 60
- 40
- 20
0
20
40
60
80
100
I
I
V+ = 3.6V
I
Temperature (°C)
COM(off)
NO(off)
COM(on)
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Leakage vs. Analog Voltage
VCOM - Analog Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V+ = 2.7 V, Is = 10 mA
+ 85 °C
+ 25 °C
- 40 °C
0
50
100
150
200
- 60
- 40
- 20
0
20
40
60
80
100
V+ = 3.6 V
Temperature (°C)
- 500
- 400
- 300
- 200
- 100
0
100
200
300
400
500
0.0
0.6
1.2
1.8
2.4
3.0
3.6
INO(off) /INC(off)
ICOM(on)
ICOM(off)
V+ = 3.6 V
VCOM - Analog Voltage (V)


Similar Part No. - DG2616

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2616 VISHAY-DG2616 Datasheet
161Kb / 10P
   Low Voltage, Dual SPDT Analog Switch with Charge Pump
01-Jan-2022
DG2616DN-T1-E4 VISHAY-DG2616DN-T1-E4 Datasheet
161Kb / 10P
   Low Voltage, Dual SPDT Analog Switch with Charge Pump
01-Jan-2022
DG2616 VISHAY-DG2616_V01 Datasheet
161Kb / 10P
   Low Voltage, Dual SPDT Analog Switch with Charge Pump
01-Jan-2022
More results

Similar Description - DG2616

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2616 VISHAY-DG2616_V01 Datasheet
161Kb / 10P
   Low Voltage, Dual SPDT Analog Switch with Charge Pump
01-Jan-2022
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com