Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG613DJ-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG613DJ-E3
Description  High-Speed, Low-Glitch D/CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG613DJ-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG613DJ-E3 Datasheet HTML 1Page - Vishay Siliconix DG613DJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG613DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG613DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG613DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG613DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG613DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG613DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG613DJ-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
DG611/612/613
Document Number: 70057
S-71155–Rev. H, 11-Jun-07
www.vishay.com
1
High-Speed, Low-Glitch D/CMOS Analog Switches
FEATURES
Fast Switching - tON: 12 ns
Low Charge Injection: ± 2 pC
Wide Bandwidth: 500 MHz
5 V CMOS Logic Compatible
Low rDS(on): 18 Ω
Low Quiescent Power : 1.2 nW
Single Supply Operation
BENEFITS
Improved Data Throughput
Minimal Switching Transients
Improved System Performance
Easily Interfaced
Low Insertion Loss
Minimal Power Consumption
APPLICATIONS
Fast Sample-and-Holds
Synchronous Demodulators
Pixel-Rate Video Switching
Disk/Tape Drives
DAC Deglitching
Switched Capacitor Filters
GaAs FET Drivers
Satellite Receivers
DESCRIPTION
The DG611/612/613 feature high-speed low-capacitance
lateral
DMOS
switches.
Charge
injection
has
been
minimized to optimize performance in fast sample-and-hold
applications.
Each switch conducts equally well in both directions when on
and blocks up to 16 Vp-p when off. Capacitances have been
minimized to ensure fast switching and low-glitch energy. To
achieve such fast and clean switching performance, the
DG611/612/613 are built on the Vishay Siliconix proprietary
D/CMOS process. This process combines n-channel DMOS
switching FETs with low-power CMOS control logic and
drivers. An epitaxial layer prevents latchup.
The DG611 and DG612 differ only in that they respond to
opposite logic levels. The versatile DG613 has two normally
open and two normally closed switches. It can be given
various configurations, including four SPST, two SPDT, one
DPDT.
For additional information see Applications Note AN207
(FaxBack number 70605).
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Four SPST Switches per Package
Logic "0"
≤ 1 V
Logic "1"
≥ 4 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
Dual-In-Line
and SOIC
DG611
Top View
S1
S2
V-
V+
NC
NC
GND
VL
S4
S3
LCC
NC IN3 D3
D4 IN4
NC IN2 D2
D1 IN1
Key
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
DG611
TRUTH TABLE
Logic
DG611
DG612
0
ON
OFF
1OFF
ON
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG613DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG613DJ-E3 VISHAY-DG613DJ-E3 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG613DJ-E3 VISHAY-DG613DJ-E3 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG613DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com