Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2511 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2511
Description  Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2511 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2511 Datasheet HTML 1Page - Vishay Siliconix DG2511 Datasheet HTML 2Page - Vishay Siliconix DG2511 Datasheet HTML 3Page - Vishay Siliconix DG2511 Datasheet HTML 4Page - Vishay Siliconix DG2511 Datasheet HTML 5Page - Vishay Siliconix DG2511 Datasheet HTML 6Page - Vishay Siliconix DG2511 Datasheet HTML 7Page - Vishay Siliconix DG2511 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
DG2511/2512/2513
Document Number: 74454
S-70327–Rev. B, 26-Feb-07
www.vishay.com
1
Low-Voltage, Low rON, Single Analog Switch
In miniQFN-6 Package
DESCRIPTION
The DG2511/DG2512/DG2513 are low on-resistance, sin-
gle-pole/double-throw or single-pole/single-throw monolithic
CMOS analog switch. It is designed for low voltage applica-
tions. The DG2511/DG2512/DG2513 are ideal for portable
and battery powered equipment, requiring high performance
and efficient use of board space. In additional to the low on-
resistance (1.3
Ω at 2.7 V).
The DG2511 is an SPDT and the DG2512/DG2513 are
SPST. The switch conducts equally well in both directions
when on, and blocks up to the power supply level when off.
The DG2511/DG2512/DG2513 are built on Vishay Siliconix’s
low voltage JI5L process. An epitaxial layer prevents latchup.
Break-before-make is guaranteed.
The DG2511/DG2512/DG2513 represents a breakthrough in
packaging development for analog switching products. The
miniQFN-6 package (1.2 x 1.0 mm).
As a committed partner to the community and the environ-
ment, Vishay Siliconix manufactures this product with the
lead (Pb)-free device terminations. For analog switching
products manufactured with NiPdAu device terminations, the
lead (Pb)-free "-E4" suffix is being used as a designator.
FEATURES
Low Voltage Operation (1.8 V to 5.5 V)
Low On-Resistance - rON: 1.3 Ω at 2.7 V
Low Charge Injection
Low Voltage Logic Compatible
miniQFN-6 Package (1.2 x 1.0 mm)
BENEFITS
Reduced Power Consumption
Simple Logic Interface
High Accuracy
Reduce Board Space
Guaranteed 2 V Operation
APPLICATIONS
Cellular Phones
Communication Systems
Portable Test Equipment
Battery Operated Systems
Sample and Hold Circuits
ADC and DAC Applications
Low Voltage Data Acquisition Systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
GND
COM
NC
V+
NO
DG2511
miniQFN-6
Top View
IN
2
3
4
5
6
GND
COM
NC
V+
NC
DG2512
miniQFN-6
Top View
IN
2
3
4
5
6
1
1
GND
COM
NO
V+
NO
DG2513
miniQFN-6
Top View
IN
2
3
4
5
6
1
Pin 1
Device Marking: Ax for DG2511
Bx for DG2512
Cx for DG2513
x = Date/Lot Traceability Code
Note: Pin 1 has long lead
Ax
TRUTH TABLE
Logic
NC
NO
0
ON
OFF
1OFF
ON
COMMERCIAL ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 to 85 °C
miniQFN-6
Lead (Pb)-free
with Tape and Reel
DG2511DN-T1-E4
DG2512DN-T1-E4
DG2513DN-T1-E4
RoHS
COMPLIANT


Similar Part No. - DG2511

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2511 VISHAY-DG2511 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
DG2511 VISHAY-DG2511 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
DG2511DN-T1-E4 VISHAY-DG2511DN-T1-E4 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
DG2511DN-T1-E4 VISHAY-DG2511DN-T1-E4 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
More results

Similar Description - DG2511

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
DG2511 VISHAY-DG2511_V01 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
DG2011 VISHAY-DG2011 Datasheet
81Kb / 7P
   Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
Rev. E, 21-Mar-05
DG2011 VISHAY-DG2011_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
Rev. F, 16-Jan-06
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com