Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409LDQ-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG409LDQ-E3
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LDQ-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG409LDQ-E3 Datasheet HTML 1Page - Vishay Siliconix DG409LDQ-E3 Datasheet HTML 2Page - Vishay Siliconix DG409LDQ-E3 Datasheet HTML 3Page - Vishay Siliconix DG409LDQ-E3 Datasheet HTML 4Page - Vishay Siliconix DG409LDQ-E3 Datasheet HTML 5Page - Vishay Siliconix DG409LDQ-E3 Datasheet HTML 6Page - Vishay Siliconix DG409LDQ-E3 Datasheet HTML 7Page - Vishay Siliconix DG409LDQ-E3 Datasheet HTML 8Page - Vishay Siliconix DG409LDQ-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 71342
S-71241–Rev. E, 25-Jun-07
www.vishay.com
5
Vishay Siliconix
DG408L/409L
Notes:
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
Δr
DS(on) = rDS(on) Max - rDS(on) Min.
h. Worst case isolation occurs on Channel 4 do to proximity to the drain pin.
i. rDS(on) flatness is measured as the difference between the minimum and maximum measured values across a defined Analog signal.
SPECIFICATIONS (SINGLE SUPPLY 5 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, ± 10 %
, V- = 0 V
VEN = 0.6 V or 2.4 V
f
Tempb
Typd
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Minc
Maxc
Minc
Maxc
Analog Switch
Analog Signal Rangee
VANALOG
Full
05
05
V
Drain-Source On-Resistance
rDS(on)
V+ = 4.5 V, VD or VS = 1 V or 3.5 V,
ID = 5 mA
Room
Full
35
49
62
40
62
Ω
rDS(on) Matching Between
Channelsg
Δr
DS
V+ = 4.5 V, VD = 1 V or 3.5 V,
IS = 5 mA
Room
1.5
3
3
On-Resistance Flatnessi
rFLAT(on)
Room
4
4
Switch Off Leakage Currenta
IS(off)
V+ = 5.5 V, VS = 1 V or 4 V
VD = 4 V or 1 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On Leakage
Currenta
ID(on)
V+ = 5.5 V, VD = VS = 1 V or 4 V
Sequence Each Switch On
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Logic High Input Voltage
VINH
V+ = 5 V
Full
2.4
2.4
V
Logic Low Input Voltage
VINL
Full
0.6
0.6
Input Currenta
IIN
VAX = VEN = 2.4 V or 0.6 V
Full
- 1.5
1.5
- 1
1
µA
Dynamic Characteristics
Transition Timee
tTRANS
VS1 = 3.5 V, VS8 = 0 V, (DG408L)
VS1b = 3.5 V, VS4b = 0 V, (DG409L)
See Figure 2
Room
Full
44
125
138
125
135
ns
Break-Before-Make Timee
tOPEN
VS(all) = VDA = 3.5 V,
See Figure 4
Room
Full
17
1
1
Enable Turn-On Timee
tON(EN)
VAX = 0 V, VS1 = 3.5 V (DG408L)
VAX = 0 V, VS1b = 3.5 V (DG409L)
See Figure 3
Room
Full
43
60
70
60
65
Enable Turn-Off Timee
tOFF(EN)
Room
Full
26
45
60
45
50
Charge Injectione
Q
CL = 1 nF, RGEN = 0 Ω, VGEN = 0 Ω
Room
1
5
5
pC
Off Isolatione, h
OIRR
f = 100 kHz, RL = 1 kΩ
Room
- 70
dB
Crosstalke
XTALK
Room
- 80
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 0 V
Room
8
pF
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 0 V, VEN = 0 V
Room
21
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
(DG409L only)
Room
32


Similar Part No. - DG409LDQ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG409LDQ-E3 VISHAY-DG409LDQ-E3 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
More results

Similar Description - DG409LDQ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com