Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG612DY Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG612DY
Description  High-Speed, Low-Glitch D/CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG612DY Datasheet(HTML) 5 Page - Vishay Siliconix

  DG612DY Datasheet HTML 1Page - Vishay Siliconix DG612DY Datasheet HTML 2Page - Vishay Siliconix DG612DY Datasheet HTML 3Page - Vishay Siliconix DG612DY Datasheet HTML 4Page - Vishay Siliconix DG612DY Datasheet HTML 5Page - Vishay Siliconix DG612DY Datasheet HTML 6Page - Vishay Siliconix DG612DY Datasheet HTML 7Page - Vishay Siliconix DG612DY Datasheet HTML 8Page - Vishay Siliconix DG612DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 70057
S-71155–Rev. H, 11-Jun-07
www.vishay.com
5
Vishay Siliconix
DG611/612/613
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
ΔQ = |Q at V
S = 3 V - Q at VS = - 3 V|.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS FOR UNIPOLAR SUPPLIESa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 3 V
VL = 5 V, VIN = 4 V, 1 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
7
0
7
V
Switch On-Resistance
rDS(on)
IS = - 1 mA, VD = 1 V
Room
25
60
60
Ω
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 Ω, CL = 3 pF
VS = 2 V,
See Test Circuit, Figure 2
Room
15
30
30
ns
Turn-Off Timee
tOFF
Room
10
25
25
rDS(on) vs. VD and Power Supply Voltages
- 4
- 2
0
2
4
6
8
10
12
- 5
400
350
300
250
200
150
100
50
0
VD – Drain Voltage (V)
V+ = 5 V
V- = - 5 V
V+ = 12 V
V- = - 5 V
V+ = 15 V
V- = - 3 V
IS = - 1 mA
Leakage Current vs. Analog Voltage
- 4
- 2
0
24
68
10
3
2
1
0
- 1
- 2
- 3
VD or VS – Drain or Source Voltage (V)
IS(off), ID(off)
ID(on)
V+ = 15 V
V- = - 3 V


Similar Part No. - DG612DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG612DY VISHAY-DG612DY Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG612DY VISHAY-DG612DY Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG612DY VISHAY-DG612DY Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG612DY-E3 VISHAY-DG612DY-E3 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG612DY-E3 VISHAY-DG612DY-E3 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG612DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com