Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG611AEN-T1-E4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG611AEN-T1-E4
Description  1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG611AEN-T1-E4 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG611AEN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG611AEN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG611AEN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG611AEN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG611AEN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG611AEN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG611AEN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG611AEN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG611AEN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
DG611A/DG612A/DG613A
Document Number: 69904
S-72760-Rev. A, 04-Feb-08
www.vishay.com
1
New Product
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
FEATURES
Low charge injection (1 pC typ.)
Leakage current < 0.25 nA at 85 °C
Low switch capacitance (Csoff 2 pF typ.)
Low rDS(on) - 115 Ω maximum
Fully specified with single supply operation at 3 V, 5 V and
dual supplies at ± 5 V
Low voltage, 2.5 V CMOS/TTL compatible
720 MHz, 3 dB bandwidth
Excellent isolation performance (62 dB at 10 MHz)
Excellent crosstalk performance (90 dB at 10 MHz)
Fully specified from - 40 °C to + 85 °C and - 40 °C to + 125 °C
•16 lead SOIC, TSSOP and miniQFN package (1.8 x 2.6 mm)
APPLICATIONS
Precision instrumentation
Medical instrumentation
Automated test equipment
High speed communications applications
High-end data acquisition
Sample and hold applications
Sample and hold systems
DESCRIPTION
The
DG611A,
DG612A
and
DG613A
contain
four
independently
selectable
SPST
switches.
They
offer
improved performance over the industry standard DG611
series. The DG611A and DG612A have all switches
normally closed and normally open respectively, while the
DG613A has 2 normally open and 2 normally closed
switches.
They are designed to operate from a 2.7 V to 12 V single
supply or from ± 2.7 V to ± 5 V dual supplies and are fully
specified at + 3 V, + 5 V and ± 5 V. All control logic inputs
have guaranteed 2 V logic high limits when operating from
+ 5 V or ± 5 V supplies and 1.4 V when operating from a
+ 3 V supply.
The DG611A, DG612A and DG613A switches conduct
equally well in both directions and offer rail to rail analog
signal handling.
1 pC low charge injection, coupled with very low switch
capacitance: 2 pF, fast switching speed: ton/toff 27 ns/16 ns
and excellent 3 dB bandwidth: 720 MHz, make these
products ideal for precision instrumentation, high-end data
acquisition, automated test equipment and high speed
communication applications.
Operation temperature is specified from - 40 °C to + 125 °C.
The DG611A, DG612A and DG613A are available in 16 lead
SOIC, TSSOP and the space saving 1.8 x 2.6 mm miniQFN
packages.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
DG611A
DG612A
0ON
OFF
1OFF
ON
DG611A
SOIC/TSSOP
Top View
S2
V+
NC
S3
IN3 D3
D4 IN4
IN2 D2
D1 IN1
S1
V-
GND
S4
1
2
3
4
5
6
8
7
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
DG611A
miniQFN
Pin 1
Device Marking: Kxx for DG611A
(miniQFN16)
Lxx for DG612A
Pxx for DG613A
xx = Date/Lot Traceability Code
Kxx
RoHS
COMPLIANT


Similar Part No. - DG611AEN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611AEN-T1-E4 VISHAY-DG611AEN-T1-E4 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611AEN-T1-E4 VISHAY-DG611AEN-T1-E4 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
More results

Similar Description - DG611AEN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com