Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH8NB90 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STH8NB90
Description  N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH8NB90 Datasheet(HTML) 5 Page - STMicroelectronics

  STH8NB90 Datasheet HTML 1Page - STMicroelectronics STH8NB90 Datasheet HTML 2Page - STMicroelectronics STH8NB90 Datasheet HTML 3Page - STMicroelectronics STH8NB90 Datasheet HTML 4Page - STMicroelectronics STH8NB90 Datasheet HTML 5Page - STMicroelectronics STH8NB90 Datasheet HTML 6Page - STMicroelectronics STH8NB90 Datasheet HTML 7Page - STMicroelectronics STH8NB90 Datasheet HTML 8Page - STMicroelectronics STH8NB90 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
STW8NB90 - STH8NB90FI
Source-drain Diode Forward Characteristics
Normalized Gate Thereshold Voltage vs Temp.
Normalized On Resistance vs Temperature
Capacitance Variations
Gate Charge vs Gate-source Voltage


Similar Part No. - STH8NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH8N80 STMICROELECTRONICS-STH8N80 Datasheet
345Kb / 7P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
STH8N80FI STMICROELECTRONICS-STH8N80FI Datasheet
345Kb / 7P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
STH8NA60 STMICROELECTRONICS-STH8NA60 Datasheet
124Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH8NA60FI STMICROELECTRONICS-STH8NA60FI Datasheet
124Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH8NA80 STMICROELECTRONICS-STH8NA80 Datasheet
45Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
More results

Similar Description - STH8NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
   N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STU7NB90 STMICROELECTRONICS-STU7NB90 Datasheet
403Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 7.3 A Max220/Max220I PowerMesh??MOSFET
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
   N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
   N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
June 2002
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
   N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
   N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
   N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
STW7NA90 STMICROELECTRONICS-STW7NA90 Datasheet
111Kb / 9P
   N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
   N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com