Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG611AEY-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG611AEY-T1-E3
Description  1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG611AEY-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG611AEY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG611AEY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG611AEY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG611AEY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG611AEY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG611AEY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG611AEY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG611AEY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG611AEY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 69904
S-72760-Rev. A, 04-Feb-08
www.vishay.com
5
Vishay Siliconix
DG611A/DG612A/DG613A
New Product
SPECIFICATIONS FOR UNIPOLAR SUPPLIES
V+ = + 5 V, V- = 0 V
Parameter
Symbol
Test Conditions
Unless Specified
V+ = + 5 V, V- = 0 V
VIN = 2.0 V, 0.8 V
a
Temp.b
Typ.c
- 40 to 125 °C
- 40 to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0505
V
On-Resistance
rON
V+ = + 5 V, V- = 0 V
IS = 1 mA, VD = + 3.5 V
Room
Full
139
180
235
180
215
Ω
On-Resistance Match
Δr
ON
V+ = + 5 V, V- = 0 V,
IS = 1 mA, VD = + 3.5 V
Room
Full
16
10
6
9
On-Resistance Flatness
rFLATNESS
V+ = + 5 V, V- = 0 V,
IS = 1 mA, VD = 0 V, + 3.5 V
Room
Full
56
80
120
80
110
Switch Off
Leakage Current
IS(off)
V+ = 5.5 V, V- = 0 V
VD = 4.5 V/1 V
VS = 1 V/4.5 V
Room
Full
± 0.02
- 0.1
- 2
0.1
2
- 0.1
- 0.25
0.1
0.25
nA
ID(off)
Room
Full
± 0.02
- 0.1
- 2
0.1
2
- 0.1
- 0.25
0.1
0.25
Switch On
Leakage Current
ID(on)
V+ = 5.5 V, V- = 0 V
VD = VS = 1 V/4.5 V
Room
Full
± 0.02
- 0.1
- 6
0.1
6
- 0.1
- 0.25
0.1
0.25
Digital Control
Input Current, VIN Low
IIL
VIN Under Test = 0.8 V
Full
0.005
- 0.1
0.1
- 0.1
0.1
µA
Input Current, VIN High
IIH
VIN Under Test = 2.0 V
Full
0.005
- 0.1
0.1
- 0.1
0.1
Input Capacitancee
CIN
f = 1 MHz
Room
2
pF
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 Ω, CL = 35 pF
VS = 3 V, see Figure 1
Room
Full
33
60
100
60
90
ns
Turn-Off Timee
tOFF
Room
Full
16
35
50
35
45
Break-Before-Makee
Time Delay
tBBM
DG613A only, VS = 3 V
RL = 300 Ω, CL = 35 pF
Room
Full
19
22
Charge Injectione
Q
Vg = 0 V, Rg = 0 Ω, CL = 1 nF
Full
2.3
pC
Off Isolatione
OIRR
RL = 50 Ω, CL = 5 pF
f = 10 MHz
Room
- 61
dB
Channel-to-Channel
Crosstalke
XTALK
Room
- 90
3 dB Bandwidthe
BW
RL = 50 Ω, CL = 5 pF
Room
675
MHz
Source Off Capacitancee
CS(off)
f = 1 MHz; VS = 0 V
Room
3
pF
Drain Off Capacitancee
CD(off)
Room
5
Drain On Capacitancee
CD(on)
f = 1 MHz; VS = VD = 0 V
Room
9
Power Supplies
Power Supply Current
I+
VIN = 0 or 5 V
Room
Full
0.001
0.1
1
0.1
1
µA
Negative Supply Current
I-
Room
Full
- 0.001
- 0.1
- 1
- 0.1
- 1
Ground Current
IGND
Room
Full
- 0.001
- 0.1
- 1
- 0.1
- 1


Similar Part No. - DG611AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611AEY-T1-E3 VISHAY-DG611AEY-T1-E3 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611AEY-T1-E3 VISHAY-DG611AEY-T1-E3 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
More results

Similar Description - DG611AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com