Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG408DY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG408DY
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408DY Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG408DY Datasheet HTML 3Page - Vishay Siliconix DG408DY Datasheet HTML 4Page - Vishay Siliconix DG408DY Datasheet HTML 5Page - Vishay Siliconix DG408DY Datasheet HTML 6Page - Vishay Siliconix DG408DY Datasheet HTML 7Page - Vishay Siliconix DG408DY Datasheet HTML 8Page - Vishay Siliconix DG408DY Datasheet HTML 9Page - Vishay Siliconix DG408DY Datasheet HTML 10Page - Vishay Siliconix DG408DY Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 70062
S-71155–Rev. G, 11-Jun-07
www.vishay.com
7
Vishay Siliconix
DG408/409
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
rDS(on) vs. VS and Temperature
Off Isolation and Crosstalk vs. Frequency
Switching Time vs. Bipolar Supply)
VS - Source Voltage (V)
0
15
- 15
0
40
60
80
50
10
70
30
20
V+ = 15 V
V- = - 15 V
125 °C
85 °C
25 °C
- 55 °C
- 10
- 5
5
10
- 40 °C
0 °C
f - Frequency (Hz)
10 k
10 M
- 30
- 70
- 90
- 50
100
1 k
100 k
1 M
- 110
100 M
- 130
- 150
V+ = 15 V
V- = - 15 V
RL = 1 kΩ
Off-Isolation
Crosstalk
VSUPPLY (V)
75
125
200
150
175
100
tOFF(EN)
tON(EN)
tTRANS
± 10
± 12
± 14
± 16
± 18
± 20
± 22
rDS(on) vs. VS and Temperature (Single Supply)
Insertion Loss vs. Frequency
Switching Time vs. Single Supply
VS - Source Voltage (V)
12
8
4
0
10
30
50
70
90
110
130
V+ = 12 V
V- = 0 V
- 55 °C
- 40 °C
0 °C
125 °C
85 °C
25 °C
26
10
f - Frequency (Hz)
10 M
- 5
- 2
1
- 1
0
- 4
- 3
- 6
V+ = 15 V
V- = - 15 V
Ref. 1 Vrms
RL = 50 Ω
RL = 1 kΩ
10
100
1 k
10 k
100 k
1 M
100 M
VSUPPLY (V)
15
8
100
150
225
175
200
250
125
912
14
13
11
10
275
tTRANS
tOFF(EN)
tON(EN)


Similar Part No. - DG408DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408DY INTERSIL-DG408DY Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG408DY MAXIM-DG408DY Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
logo
Intersil Corporation
DG408DY INTERSIL-DG408DY Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG408DY MAXIM-DG408DY Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG408DY VISHAY-DG408DY Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
More results

Similar Description - DG408DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com