Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG409
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG409 Datasheet HTML 2Page - Vishay Siliconix DG409 Datasheet HTML 3Page - Vishay Siliconix DG409 Datasheet HTML 4Page - Vishay Siliconix DG409 Datasheet HTML 5Page - Vishay Siliconix DG409 Datasheet HTML 6Page - Vishay Siliconix DG409 Datasheet HTML 7Page - Vishay Siliconix DG409 Datasheet HTML 8Page - Vishay Siliconix DG409 Datasheet HTML 9Page - Vishay Siliconix DG409 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
6
Document Number: 70062
S-71155–Rev. G, 11-Jun-07
Vishay Siliconix
DG408/409
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Positive Supply Current vs. Switching Frequency
Positive Supply Current vs. Temperature (DG408)
rDS(on) vs. VD and Supply
Switching Frequency (Hz)
10 k
10 M
100
1 k
100 k
1 M
VSUPPLY = 15 V
100 mA
10 mA
1 mA
100 µA
10 µA
VEN = 2.4 V
VEN = 0 V or 5 V
Temperature (°C)
5
15
20
10
125
- 55
85
45
5
0
V+ = 15 V
V- = - 15 V
VIN = 0 V
VEN = 0 V
- 35 - 15
25
65
105
VD - Drain Voltage (V)
0
40
100
60
80
120
20
- 20
- 12
- 8
- 4
0
4
8
12
16
20
- 16
± 5 V
± 8 V
± 10 V
± 12 V
± 20 V
± 15 V
ISUPPLY vs. Temperature
Charge Injection vs. Analog Voltage
rDS(on) vs. VD and Supply (Single Supply)
Temperature (°C)
125
- 55
85
45
5
VSUPPLY = ± 15 V
VA = 0 V
VEN = 0 V
I+
- (I-)
100 µA
1 µA
100 nA
10 nA
1 nA
100 pA
10 pA
10 µA
- 35
- 15
25
65
105
VS - Source Voltage (V)
- 10
30
50
90
70
40
0
80
60
20
10
015
- 15
- 10
- 5
5
10
V+ = 15 V
V- = - 15 V
V+ = 12 V
V- = 0 V
CL = 10000 pF
VIN = 5 Vp-p
VD - Drain Voltage (V)
22
0
0
40
100
60
140
160
80
120
20
4
8
12
16
20
V+ = 7.5 V
10 V
12 V
15 V
20 V
22 V
V- = 0 V


Similar Part No. - DG409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409 INTERSIL-DG409 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG409 INTERSIL-DG409 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG409 MAXIM-DG409 Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG409 VISHAY-DG409 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG409 VISHAY-DG409 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
More results

Similar Description - DG409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com