Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG406DJ-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG406DJ-E3
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG406DJ-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG406DJ-E3 Datasheet HTML 1Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 70061
S-71009–Rev. I, 14-May-07
www.vishay.com
5
Vishay Siliconix
DG406/407
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
Δr
DS(on) = rDS(on) MAX - rDS(on) MIN.
h. Worst case isolation occurs on Channel 4 due to proximity to the drain pin.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa (FOR SINGLE SUPPLY)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VAL = 0.8 V, VAH = 2.4 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
0120
12
V
Drain-Source
On-Resistance
rDS(on)
VD = 3 V, 10 V, IS = - 1 mA
Sequence Each Switch On
Room
90
120
120
Ω
rDS(on) Matching Between Channels
g
Δr
DS(on)
Room
5
%
Source Off Leakage Current
IS(off)
VEN = 0 V
VD = 10 V or 0.5 V
VS = 0.5 V or 10 V
Room
0.01
nA
Drain Off Leakage Current
ID(off)
DG406
Room
0.04
DG407
Room
0.04
Drain On Leakage Current
ID(on)
VS = VD = ± 10
Sequence Each
Switch On
DG406
Room
0.04
DG407
Room
0.04
Dynamic Characteristics
Switching Time of Multiplexer
tOPEN
VS1 = 8 V, VS8 = 0 V, VIN = 2.4 V
Room
300
450
450
ns
Enable Turn-On Time
tON(EN)
VINH = 2.4 V, VINL = 0 V
VS1 = 5 V
Room
250
600
600
Enable Turn-Off Time
tOFF(EN)
Room
150
300
300
Charge Injection
Q
CL = 1 nF, VS = 6 V, RS = 0
Room
20
pC
Power Supplies
Positive Supply Current
I+
VEN = 0 V or 5 V, VA = 0 V or 5 V
Room
Full
13
30
75
30
75
µA
Negative Supply Current
I-
Room
Full
- 0.01
- 20
- 20
- 20
- 20


Similar Part No. - DG406DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406DJ-E3 VISHAY-DG406DJ-E3 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG406DJ-E3 VISHAY-DG406DJ-E3 Datasheet
199Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
More results

Similar Description - DG406DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406DN-E3 VISHAY-DG406DN-E3 Datasheet
199Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com