Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG417 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG417
Description  Precision CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG417 Datasheet HTML 3Page - Vishay Siliconix DG417 Datasheet HTML 4Page - Vishay Siliconix DG417 Datasheet HTML 5Page - Vishay Siliconix DG417 Datasheet HTML 6Page - Vishay Siliconix DG417 Datasheet HTML 7Page - Vishay Siliconix DG417 Datasheet HTML 8Page - Vishay Siliconix DG417 Datasheet HTML 9Page - Vishay Siliconix DG417 Datasheet HTML 10Page - Vishay Siliconix DG417 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.vishay.com
10
Document Number: 70051
S-71241–Rev. F, 25-Jun-07
Vishay Siliconix
DG417/418/419
APPLICATIONS
Micropower UPS Transfer Switch
When VCC drops to 3.3 V, the DG417 changes states,
closing SW1 and connecting the backup cell, as shown in
Figure 10. D1 prevents current from leaking back towards the
rest of the circuit. Current consumption by the CMOS analog
switch is around 100 pA; this ensures that most of the power
available is applied to the memory, where it is really needed.
In the stand-by mode, hundreds of A are sufficient to retain
memory data.
When the 5 V supply comes back up, the resistor divider
senses the presence of at least 3.5 V, and causes a new
change of state in the analog switch, restoring normal
operation.
Programmable Gain Amplifier
The DG419, as shown in Figure 11, allows accurate gain
selection in a small package. Switching into virtual ground
reduces distortion caused by rDS(on) variation as a function of
analog signal amplitude.
GaAs FET Driver
The DG419, as shown in Figure 12 may be used as a GaAs
FET driver. It translates a TTL control signal into - 8 V, 0 V
level outputs to drive the gate.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?70051.
Figure 11. Micropower UPS Circuit
GND
IN
D
V-
3 V Li Cell
Memory
DG417
(5 V)
V+
S
+
SW1
VL
VSENSE
R1
453 k
Ω
D1
VCC
R2
383 k
Ω
Figure 12. Programmable Gain Amplifier
DG419
+
-
IN
R1
R2
VIN
VOUT
D
S1
S2
Figure 13. GaAs FET Driver
DG419
5 V
VOUT
D
V-
GND
S2
S1
VL
V+
+ 5 V
- 8 V
GaAs FET


Similar Part No. - DG417

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG417 MAXIM-DG417 Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG417 VISHAY-DG417 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
   IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
   SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
DG417AK MAXIM-DG417AK Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
More results

Similar Description - DG417

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com