Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG412LDQ-T1-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG412LDQ-T1-E3
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LDQ-T1-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG412LDQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG412LDQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG412LDQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG412LDQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG412LDQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG412LDQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG412LDQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG412LDQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG412LDQ-T1-E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 71397
S-71241–Rev. E, 25-Jun-07
www.vishay.com
9
Vishay Siliconix
DG411L/412L/413L
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
TEST CIRCUITS
Figure 1.
Level
Shift/
Drive
VIN
VL
S
V+
GND
V-
D
V-
V+
Figure 2. Switching Time
0 V
Logic
Input
Switch
Input*
Switch
Output
3 V
50%
0 V
Switch
Input*
VS
tr < 20 ns
tf < 20 ns
90 %
- VS
tON
tON
VO
90 %
VO
Note:
Logic input waveform is inverted for switches that
have the opposite logic sense control
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rDS(on)
VO = VS
S
D
V-
VO
GND
VL
CL
35 pF
V-
RL
300
Ω
VL
V+
VS
Figure 3. Break-Before-Make (DG413L)
0 V
Logic
Input
Switch
Switch
Output
3 V
50 %
0 V
Output
0 V
90 %
VO2
VO1
90 %
VS1
VS2
tD
tD
VO2
CL (includes fixture and stray capacitance)
V+
S2
V-
S1
VL
VS2
IN2
D2
VS1
RL2
300
Ω
D1
VO1
CL2
35 pF
GND
RL1
300
Ω
CL1
35 pF
IN1
V-


Similar Part No. - DG412LDQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG412LDQ-T1-E3 VISHAY-DG412LDQ-T1-E3 Datasheet
180Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. F, 07-Feb-11
More results

Similar Description - DG412LDQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. F, 07-Feb-11
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com