Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG413HSDJ Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG413HSDJ
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413HSDJ Datasheet(HTML) 6 Page - Vishay Siliconix

  DG413HSDJ Datasheet HTML 1Page - Vishay Siliconix DG413HSDJ Datasheet HTML 2Page - Vishay Siliconix DG413HSDJ Datasheet HTML 3Page - Vishay Siliconix DG413HSDJ Datasheet HTML 4Page - Vishay Siliconix DG413HSDJ Datasheet HTML 5Page - Vishay Siliconix DG413HSDJ Datasheet HTML 6Page - Vishay Siliconix DG413HSDJ Datasheet HTML 7Page - Vishay Siliconix DG413HSDJ Datasheet HTML 8Page - Vishay Siliconix DG413HSDJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 72053
S-71155-Rev. B, 11-Jun-07
Vishay Siliconix
DG411HS/412HS/413HS
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Charge Injection vs. Analog Voltage
Switching Time vs. Temperature
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
- 15
- 10
- 5
0
5
10
15
V - Drain Voltage (V)
V = ± 15 V
V = ± 12 V
20
40
60
80
100
120
140
- 55
- 35
- 15
5
25
45
65
85
105
125
V+ = 15 V
V - = - 15 V
VL = 5 V
tON
tOFF
Temperature (°C)
Charge Injection vs. Analog Voltage
Switching Time vs. Temperature
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
- 15
- 10
- 5
0
5
10
15
VS - Source Voltage (V)
V = ± 15 V
V = ± 12 V
20
40
60
80
100
120
140
- 55
- 35
- 15
5
25
45
65
85
105
125
V+ = 12 V
V - = 0 V
VL = 5 V
tON
tOFF
Temperature (°C)
Supply Current vs. Input Switching Frequency
f - Frequency (Hz)
100 mA
10 mA
1 mA
100 µA
10 µA
1 µA
100 nA
10 nA
100
1 k
10 k
100 k
1 M
10 M
I+, I -
IL
V+ = 15 V
V - = - 15 V
VL = 5 V
= 1 SW
= 4 SW
10


Similar Part No. - DG413HSDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG413HSDJ VISHAY-DG413HSDJ Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
DG413HSDJ-E3 VISHAY-DG413HSDJ-E3 Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
More results

Similar Description - DG413HSDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com