Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG455 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG455
Description  High Voltage 4-Ω Quad SPST CMOS Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG455 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG455 Datasheet HTML 1Page - Vishay Siliconix DG455 Datasheet HTML 2Page - Vishay Siliconix DG455 Datasheet HTML 3Page - Vishay Siliconix DG455 Datasheet HTML 4Page - Vishay Siliconix DG455 Datasheet HTML 5Page - Vishay Siliconix DG455 Datasheet HTML 6Page - Vishay Siliconix DG455 Datasheet HTML 7Page - Vishay Siliconix DG455 Datasheet HTML 8Page - Vishay Siliconix DG455 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 74473
S-81306-Rev. D, 09-Jun-08
www.vishay.com
5
Vishay Siliconix
DG454/DG455/DG456
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. VD and Dual Supply Voltage
On-Resistance vs. VD and Temperature
Leakage Current vs. Temperature
1
2
3
4
5
6
7
8
- 20
- 15
- 10
- 5
0
5
10
15
20
VCOM - Analog Voltage (V)
± 8 V
TA = + 25 °C
IS = 10 mA
± 5.0 V
± 10 V
± 15 V
± 13.5 V
± 20 V
± 12 V
VCOM - Analog Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
- 15
- 10
- 5
0
5
10
15
+ 125 °C
+ 85 °C
+ 25 °C
- 40 °C
V+ = + 15 V
V- = - 15 V
IS = 10 mA
1
10
100
1000
10 000
- 60 - 40 - 20
0
20
40
60
80
100
120
140
Temperature (°C)
V+ = + 15 V
V- = - 15 V
ID (off)
ID (on)
IS (off)
On-Resistance vs. VD and Single Supply Voltage
On-Resistance vs. VD and Temperature
Leakage Current vs. Temperature
0
5
10
15
20
0
4
8
1216
2024283236
VCOM - Analog Voltage (V)
TA = + 25 °C
IS = 10 mA
V+ = 10.8 V
V+ = 36 V
V+ = 12 V
V+ = 15 V
V+ = 20 V
V+ = 8 V
V+ = 5 V
VD - Analog Voltage (V)
2
3
4
5
6
7
8
9
10
11
12
02
46
8
10
12
+ 125 °C
+ 85 °C
+ 25 °C
- 40 °C
V+ = + 12 V
V- = 0 V
IS = 10 mA
1
10
100
1000
10 000
100 000
- 60 - 40 - 20
0
20
40
60
80
100
120
140
Temperature (°C)
V+ = + 13.2 V
V- = 0 V
ID (off)
ID (on)
IS (off)


Similar Part No. - DG455

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG455 VISHAY-DG455 Datasheet
199Kb / 12P
   High Voltage 4-ohm Quad SPST CMOS Analog Switch
Rev. E, 30-Nov-09
DG455 VISHAY-DG455 Datasheet
252Kb / 13P
   High Voltage 4 ??Quad SPST CMOS Analog Switch
08-Feb-17
DG455EQ-T1-E3 VISHAY-DG455EQ-T1-E3 Datasheet
199Kb / 12P
   High Voltage 4-ohm Quad SPST CMOS Analog Switch
Rev. E, 30-Nov-09
DG455EQ-T1-E3 VISHAY-DG455EQ-T1-E3 Datasheet
252Kb / 13P
   High Voltage 4 ??Quad SPST CMOS Analog Switch
08-Feb-17
DG455EY-T1-E3 VISHAY-DG455EY-T1-E3 Datasheet
199Kb / 12P
   High Voltage 4-ohm Quad SPST CMOS Analog Switch
Rev. E, 30-Nov-09
More results

Similar Description - DG455

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
DG454 VISHAY-DG454_V01 Datasheet
252Kb / 13P
   High Voltage 4 ??Quad SPST CMOS Analog Switch
08-Feb-17
DG451 VISHAY-DG451_V01 Datasheet
262Kb / 13P
   High Voltage 4-廓 Quad SPST CMOS Analog Switch
08-Feb-17
DG451 VISHAY-DG451_09 Datasheet
200Kb / 12P
   High Voltage 4-ohm Quad SPST CMOS Analog Switch
Rev. E, 30-Nov-09
DG454 VISHAY-DG454_09 Datasheet
199Kb / 12P
   High Voltage 4-ohm Quad SPST CMOS Analog Switch
Rev. E, 30-Nov-09
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com