Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG441 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG441
Description  Quad SPST CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG441 Datasheet HTML 1Page - Vishay Siliconix DG441 Datasheet HTML 2Page - Vishay Siliconix DG441 Datasheet HTML 3Page - Vishay Siliconix DG441 Datasheet HTML 4Page - Vishay Siliconix DG441 Datasheet HTML 5Page - Vishay Siliconix DG441 Datasheet HTML 6Page - Vishay Siliconix DG441 Datasheet HTML 7Page - Vishay Siliconix DG441 Datasheet HTML 8Page - Vishay Siliconix DG441 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 70053
S-71241–Rev. I, 25-Jun-07
Vishay Siliconix
DG441/442
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 6 mW/°C above 75 °C.
d. Derate 12 mW/°C above 75 °C.
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 to 85 °C
16-Pin Plastic DIP
DG441DJ
DG441DJ-E3
DG442DJ
DG442DJ-E3
16-Pin Narrow SOIC
DG441DY
DG441DY-E3
DG441DY-T1
DG441DY-T1-E3
DG442DY
DG442DY-E3
DG442DY-T1
DG442DY-T1-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to V-
44
V
GND to V-
25
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 30 mA, whichever occurs first
Continuous Current (Any Terminal)
30
mA
Current, S or D (Pulsed at 1 ms, 10 % duty cycle)
100
Storage Temperature
(AK Suffix)
- 65 to 150
°C
(DJ, DY Suffix)
- 65 to 125
Power Dissipation (Package)b
16-Pin Plastic DIPc
450
mW
16-Pin CerDIPd
900
16-Pin Narrow SOICd
900
LCC-20d
1200
Figure 1.
INX
5 V Reg
Level
Shift/
Drive
V+
GND
V-
V-
V+


Similar Part No. - DG441

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441 INTERSIL-DG441 Datasheet
111Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
DG441 INTERSIL-DG441 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
DG441 INTERSIL-DG441 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG441 VISHAY-DG441 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
More results

Similar Description - DG441

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com