Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24072RGTR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24072RGTR
Description  1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24072RGTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24072RGTR Datasheet HTML 4Page - Texas Instruments BQ24072RGTR Datasheet HTML 5Page - Texas Instruments BQ24072RGTR Datasheet HTML 6Page - Texas Instruments BQ24072RGTR Datasheet HTML 7Page - Texas Instruments BQ24072RGTR Datasheet HTML 8Page - Texas Instruments BQ24072RGTR Datasheet HTML 9Page - Texas Instruments BQ24072RGTR Datasheet HTML 10Page - Texas Instruments BQ24072RGTR Datasheet HTML 11Page - Texas Instruments BQ24072RGTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SIMPLIFIED BLOCK DIAGRAM
USB100
USB500
VREF- ILIM
USB-susp
ShortDetect
ShortDetect
TJ(REG)
TJ
VDPPM
VOUT
VBAT(REG)
VBAT(SC)
VO(REG)
VO(SC1)
OUT-SC1
BAT-SC
Q1
Q2
VLOWV
VRCH
INTC
VHOT
VCOLD
tDGL(NO-IN)
t DGL(PGOOD)
tBLK(OVP)
VBAT + VIN-DT
VUVLO
VOVP
VIN
Dynamically
Controlled
Oscillator
VIPRECHG
VICHG
VISET
~100mV
Fast-Charge
Timer
Pre-Charge
Timer
Halttimers
Timerfault
EN1
EN2
USBSuspend
EN2
CE
IN
EN1
EN2
CHG
PGOOD
TS
TD
(bq24072,
bq24073)
OUT
BAT
ISET
ILIM
TMR
ChargeControl
VIN-LOW
VBAT
OUT-SC2
Resettimers
t DGL(TS)
Timersdisabled
IBIAS- ITERM
ITERM
bq24074
VOUT
Supplement
I TERM-floating
t DGL(SC2)
VBAT
250mV
40mV
VDIS(TS)
~3V
225mV
(’72, ’73, ’75)
2.25V
Fastcharge
225mV
Precharge
SYSOFF
bq24075
CHARGEPUMP
bq24072, bq24073
bq24074, bq24075
SLUS810A – SEPTEMBER 2008 – REVISED DECEMBER 2008...................................................................................................................................... www.ti.com
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24072 bq24073 bq24074 bq24075


Similar Part No. - BQ24072RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072RGTR TI-BQ24072RGTR Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
bq24072RGTR TI-bq24072RGTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072RGTR TI-BQ24072RGTR Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072RGTRG4 TI-BQ24072RGTRG4 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072RGTRG4 TI-BQ24072RGTRG4 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24072RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com