Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ77PL900DL Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ77PL900DL
Description  Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ77PL900DL Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ77PL900DL Datasheet HTML 7Page - Texas Instruments BQ77PL900DL Datasheet HTML 8Page - Texas Instruments BQ77PL900DL Datasheet HTML 9Page - Texas Instruments BQ77PL900DL Datasheet HTML 10Page - Texas Instruments BQ77PL900DL Datasheet HTML 11Page - Texas Instruments BQ77PL900DL Datasheet HTML 12Page - Texas Instruments BQ77PL900DL Datasheet HTML 13Page - Texas Instruments BQ77PL900DL Datasheet HTML 14Page - Texas Instruments BQ77PL900DL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
RECOMMENDED OPERATING CONDITIONS
bq77PL900
www.ti.com ........................................................................................................................................................ SLUS844A – JUNE 2008 – REVISED AUGUST 2008
MIN
NOM
MAX
UNIT
Supply Voltage
PACK, BAT
7
50
V
VI(STARTUP)
Start-up voltage PACK
7.5
V
VLOG
Logic supply voltage
0.8 × VREG2
1.2 × VREG1
V
Input voltage range
VC1 to VC10
0
BAT
VC11
0
0.5
VI
SRP, SRN
–0.3
0.5
V
VCn – VC(n+1), (n = 1 to 10)
0
7
PACK, BAT
50
VIH
Logic level input voltage high
SCLK, SDATA, EEPROM, VLOG
0.8 × VLOG
VLOG
(VLOG = VREG1 or VREG2)
VIL
Logic level input voltage low
0
0.2 × VLOG
XALERT, SDATA
VLOG
VGAIN = High
1.2
V
VO
Output voltage range
VOUT, IOUT
VGAIN = Low
0.975
GPOD
45
V
RVCX
400
IREGOUT
I(reg1+reg2)
25
mA
CREG1
External 5-V REG capacitor
2.2
µF
CREG2
External 3.3-V REG capacitor
2.2
µF
CCP1, CCP2
Charge pump flying capacitor
1
µF
CCPOUT
Charge pump output capacitor
4.7
µF
CVOUT
Output capacitance
0.1
µF
CIOUT
Output capacitance
0.1
µF
IOL
GPOD, XRST
1
mA
fSCLK
Input frequency
SCLK
100
kHz
EEPROM number of writes
3
TOPR
Operating temperature
–25
85
°C
TFUNC
Functional temperature
–40
100
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq77PL900


Similar Part No. - BQ77PL900DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL900DL TI-BQ77PL900DL Datasheet
746Kb / 57P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
bq77PL900DL TI-bq77PL900DL Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ77PL900DLG4 TI-BQ77PL900DLG4 Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ77PL900DLR TI-BQ77PL900DLR Datasheet
746Kb / 57P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900DLR TI-BQ77PL900DLR Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
More results

Similar Description - BQ77PL900DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL900 TI-BQ77PL900 Datasheet
746Kb / 57P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900 TI-BQ77PL900_2 Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ76925 TI1-BQ76925 Datasheet
743Kb / 29P
[Old version datasheet]   Host Controlled Analog Front End for 3 to 6 Series Cell Lithium-Ion/ Polymer Battery
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com