Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7280IRSAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7280IRSAR
Description  LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7280IRSAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7280IRSAR Datasheet HTML 7Page - Texas Instruments ADS7280IRSAR Datasheet HTML 8Page - Texas Instruments ADS7280IRSAR Datasheet HTML 9Page - Texas Instruments ADS7280IRSAR Datasheet HTML 10Page - Texas Instruments ADS7280IRSAR Datasheet HTML 11Page - Texas Instruments ADS7280IRSAR Datasheet HTML 12Page - Texas Instruments ADS7280IRSAR Datasheet HTML 13Page - Texas Instruments ADS7280IRSAR Datasheet HTML 14Page - Texas Instruments ADS7280IRSAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
E C
O
(activelow)
CONVST
FS/CS
INT
(activelow)
SCLK
MANUAL TRIGGER/READ WhileSampling
(useinternalCCLK,EOC,and
polarityprogrammedasactivelow)
INT
S O
D
S I
D
Nth
Nth
Nth
1
-
1…………
……… 16
1
Nth
1101b
READResult
1101b
READResult
t
4
t
SAMPLE1 =3CCLKsMin
t
=
CONV
18CCLKs
t
CL
t
2
Nth
Nth
1
-
EOC
(activelow)
CONVST
FS/CS
INT
(activelow)
SCLK
MANUAL
IGGE
EAD
TR
R/R
WhileConverting
(useinternalCCLK,EOC,and
polarityprogrammedasactivelow)
INT
SDO
SDI
Nth
t
SAMPLE1 =3CCLKsMin
Nth
Nth
1
-
1……………………16
1
Nth
1101b
READResult
1101b
READResult
t
4
N+1th
t
CONV = 18 CCLKs
t
CL
t
3
N+1th
Nth+1
ADS7279
ADS7280
www.ti.com........................................................................................................................................................................................................ SBAS436 – MAY 2008
Figure 1. Timing for Conversion and Acquisition Cycles for Manual Trigger (Read While Sampling)
Figure 2. Timing for Conversion and Acquisition Cycles for Manual Trigger (Read While Converting)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7279 ADS7280


Similar Part No. - ADS7280IRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7280IRSAR TI1-ADS7280IRSAR Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS7280IRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI1-ADS7229_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com