Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F2370R Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD64F2370R
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
Download  1203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2370R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD64F2370R Datasheet HTML 4Page - Renesas Technology Corp HD64F2370R Datasheet HTML 5Page - Renesas Technology Corp HD64F2370R Datasheet HTML 6Page - Renesas Technology Corp HD64F2370R Datasheet HTML 7Page - Renesas Technology Corp HD64F2370R Datasheet HTML 8Page - Renesas Technology Corp HD64F2370R Datasheet HTML 9Page - Renesas Technology Corp HD64F2370R Datasheet HTML 10Page - Renesas Technology Corp HD64F2370R Datasheet HTML 11Page - Renesas Technology Corp HD64F2370R Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1203 page
background image
Rev. 6.00 Jul 19, 2006 page viii of lxiv
Item
Page
Revision (See Manual for Details)
12 to
17
Table 1.1 amended
Mode 1*
4
Mode 2*
4
13
Pin No.
Pin Name
Mode 7
LQFP-
144
LGA-
145
Mode 1*
4
Mode 2*
4
Mode 4
EXPE = 1
EXPE = 0
Flash Memory
Programmer
Mode
28
K4
A20/IRQ4*
5
A20/IRQ4*
5
PA4/A20/IRQ4
PA4/A20/IRQ4
PA4/IRQ4
NC
1.3.2 Pin Arrangement
in Each Operating Mode
Table 1.1 Pin
Arrangement in Each
Operating Mode
17
Note 5 added
Notes: 4. Only modes 1 and 2 may be used on ROM-less
version.
5. This port is assigned as A20 in modes 1 and 2.
1.3.3 Pin Functions
Table 1.2 Pin
Functions
18 to
33
Table 1.2 amended
(Before) H8S/2378 H8S/2377R (LQFP-144)
→ (After) H8S/2378
0.18
µm F-ZTAT Group, H8S/2378R 0.18µm F-ZTAT Group
(LQFP-144)
(Before) H8S/2378 (LGA-145)
→ (After) H8S/2378 0.18µm
F-ZTAT Group, H8S/2378R 0.18
µm F-ZTAT Group (LGA-145)
21
Function description amended
On-chip Emulator Enable Pin
When the on-chip emulator in the H8S/2378 0.18
µm F-ZTAT
Group, H8S/2377, H8S/2377R, or H8S/2378R 0.18
µm F-ZTAT
Group is used, this pin should be fixed high. ...
33
Note 3 amended
Note: 3. Available only for the H8S/2378 0.18
µm F-ZTAT Group
and H8S/2378R 0.18
µm F-ZTAT Group.
3.1 Operating Mode
Selection
71
Description amended
The H8S/2378 0.18
µm F-ZTAT Group and H8S/2378R 0.18µm
F-ZTAT Group have six operating …
Table 3.1 MCU
Operating Mode
Selection
71
Note 2 amended
Note: 2. Available only for the H8S/2378 0.18
µm F-ZTAT Group
and H8S/2378R 0.18
µm F-ZTAT Group.
3.2.2 System Control
Register (SYSCR)
73
Subheading amended
(Before) • H8S/2378 and H8S/2378R
→ (After) • H8S/2378
0.18
µm F-ZTAT Group and H8S/2378R 0.18µm F-ZTAT Group
3.3.5 Mode 5
76
Description amended
...
Mode 5 is only available in the H8S/2378 0.18
µm F-ZTAT
Group and H8S/2378R 0.18
µm F-ZTAT Group.


Similar Part No. - HD64F2370R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2370R RENESAS-HD64F2370R Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
More results

Similar Description - HD64F2370R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2368 RENESAS-H8S2368 Datasheet
6Mb / 1037P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2329 RENESAS-H8S2329 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com