Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F2360 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD64F2360
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
Download  1037 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2360 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD64F2360 Datasheet HTML 4Page - Renesas Technology Corp HD64F2360 Datasheet HTML 5Page - Renesas Technology Corp HD64F2360 Datasheet HTML 6Page - Renesas Technology Corp HD64F2360 Datasheet HTML 7Page - Renesas Technology Corp HD64F2360 Datasheet HTML 8Page - Renesas Technology Corp HD64F2360 Datasheet HTML 9Page - Renesas Technology Corp HD64F2360 Datasheet HTML 10Page - Renesas Technology Corp HD64F2360 Datasheet HTML 11Page - Renesas Technology Corp HD64F2360 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1037 page
background image
Rev. 5.00 Aug 02, 2006 page viii of liv
Item
Page Revision (See Manual for Details)
1.3.3 Pin Functions
Table 1.2 Pin Functions
14
Table 1.2 amended
... The pin 33 of TFP-120, which is used as the VCL pin in the
H8S/2368 0.18
µm F-ZTAT Group, should not be connected to
the power supply. ...
20
Note * amended
Note: * Not supported by the H8S/2368 0.18
µm F-ZTAT
Group.
3.1 Operating Mode
Selection
57
Description amended
... Modes 1 to 5 and 7 are available in the H8S/2368 0.18
µm F-
ZTAT Group flash memory version. …
Table 3.1 MCU
Operating Mode Selection
57
Note * amended
Note: * Supported only by the H8S/2368 0.18
µm F-ZTAT
Group.
3.2.2 System Control
Register (SYSCR)
59
Note * deleted from EXPE description
(Before) ... In mode 3* and 7 ...
→ (After) ... In mode 3 and 7 ...
3.3.5 Mode 5
61
Description amended
... Mode 5 is only available in the H8S/2368 0.18
µm F-ZTAT
Group.
3.3.7 Pin Functions
Table 3.2 Pin Functions
in Each Operating Mode
62
Note 3 amended
Note: 3. Mode 5 is available only in the H8S/2368 0.18
µm F-
ZTAT Group.
3.4 Memory Map in
Each Operating Mode
Figure 3.1 H8S/2368F
Memory Map (2)
63
Figure 3.1 amended
Reserved area*
4
Figure 3.6 H8S/2364F
Memory Map (2)
68
Figure 3.8 added
Figure 3.9 H8S/2361F
Memory Map (1)
71
Figure 3.11 added
Figure 3.10 H8S/2361F
Memory Map (2)
72
Figure 3.12 added
Figure 3.11 H8S/2360F
Memory Map (1)
73
Figure 3.13 added
Figure 3.12 H8S/2360F
Memory Map (2)
74
Figure 3.14 added


Similar Part No. - HD64F2360

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2360 RENESAS-HD64F2360 Datasheet
6Mb / 1044P
   Renesas 16-Bit Single-Chip MicrocomputerH8S Family/H8S/2300 Series
More results

Similar Description - HD64F2360

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2378 RENESAS-H8S2378 Datasheet
7Mb / 1203P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2329 RENESAS-H8S2329 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com