Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2375R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # H8S2375R
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
Download  1203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2375R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button H8S2375R Datasheet HTML 3Page - Renesas Technology Corp H8S2375R Datasheet HTML 4Page - Renesas Technology Corp H8S2375R Datasheet HTML 5Page - Renesas Technology Corp H8S2375R Datasheet HTML 6Page - Renesas Technology Corp H8S2375R Datasheet HTML 7Page - Renesas Technology Corp H8S2375R Datasheet HTML 8Page - Renesas Technology Corp H8S2375R Datasheet HTML 9Page - Renesas Technology Corp H8S2375R Datasheet HTML 10Page - Renesas Technology Corp H8S2375R Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1203 page
background image
Rev. 6.00 Jul 19, 2006 page vii of lxiv
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
All
HD64F2374, HD64F2372, HD64F2371, HD64F2370,
HD64F2374R, HD64F2372R, HD64F2371R, and HD64F2370R,
added
H8S/2376 (HD64F2376) deleted
1.1 Features
2
• On-chip memory
Table amended
ROM Type
Model
ROM
RAM
Remarks
Flash memory version
HD64F2378B
512 kbytes
32 kbytes
H8S/2378 0.18µm F-ZTAT Group
HD64F2378R
512 kbytes
32 kbytes
H8S/2378R 0.18µm F-ZTAT Group
HD64F2377
384 kbytes
24 kbytes
HD64F2377R
384 kbytes
24 kbytes
HD64F2374
384 kbytes
32 kbytes
H8S/2378 0.18µm F-ZTAT Group
HD64F2374R
384 kbytes
32 kbytes
H8S/2378R 0.18µm F-ZTAT Group
HD64F2372
256 kbytes
32 kbytes
H8S/2378 0.18µm F-ZTAT Group
HD64F2372R
256 kbytes
32 kbytes
H8S/2378R 0.18µm F-ZTAT Group
HD64F2371
256 kbytes
24 kbytes
H8S/2378 0.18µm F-ZTAT Group
HD64F2371R
256 kbytes
24 kbytes
H8S/2378R 0.18µm F-ZTAT Group
HD64F2370
256 kbytes
16 kbytes
H8S/2378 0.18µm F-ZTAT Group
HD64F23740R 256 kbytes
16 kbytes
H8S/2378R 0.18µm F-ZTAT Group
1.2 Block Diagram
Figure 1.1 Internal
Block Diagram for
H8S/2378 0.18
µm
F-ZTAT Group and
H8S/2378R 0.18
µm
F-ZTAT Group
3
Note * amended
Note: * Not available for the H8S/2378 0.18
µm F-ZTAT Group.
1.3.1 Pin
Arrangement
Figure 1.5 Pin
Arrangement for
H8S/2378 0.18
µm
F-ZTAT Group and
H8S/2378R 0.18
µm
F-ZTAT Group
7
Note 1 amended
Note: 1. Not available for the H8S/2378 0.18
µm F-ZTAT Group.
Figure 1.9 Pin
Arrangement
(TLP-145V: Top View)
11
Figure 1.11 amended
HD64F2378B, HD64F2374, HD64F2372, HD64F2371,
HD64F2370, HD64F2378R, HD64F2374R, HD64F2372R,
HD64F2371R, HD64F2370R (145-pin)


Similar Part No. - H8S2375R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2320 RENESAS-H8S2320 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2321 RENESAS-H8S2321 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2322R RENESAS-H8S2322R Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2323 RENESAS-H8S2323 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
More results

Similar Description - H8S2375R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2368 RENESAS-H8S2368 Datasheet
6Mb / 1037P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2329 RENESAS-H8S2329 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com