Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2630 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # H8S2630
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
Download  1547 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2630 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button H8S2630 Datasheet HTML 5Page - Renesas Technology Corp H8S2630 Datasheet HTML 6Page - Renesas Technology Corp H8S2630 Datasheet HTML 7Page - Renesas Technology Corp H8S2630 Datasheet HTML 8Page - Renesas Technology Corp H8S2630 Datasheet HTML 9Page - Renesas Technology Corp H8S2630 Datasheet HTML 10Page - Renesas Technology Corp H8S2630 Datasheet HTML 11Page - Renesas Technology Corp H8S2630 Datasheet HTML 12Page - Renesas Technology Corp H8S2630 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 1547 page
background image
Rev. 6.00 Feb 22, 2005 page ix of lx
Item
Page
Revision (See Manual for Details)
1.4 Differences
between H8S/2636,
H8S/2638, H8S/2639,
H8S/2630, H8S/2635,
and H8S/2634
Table 1-4 Comparison
of Product
Specifications
23
Table 1-4 amended
Product Specifications
Product
Type
Model
ROM
RAM
Subclock
Function
I
2C Bus
Interface
HCAN
DTC,
PBC,
PPG,
DAC
Power-Down
Modes
HD64F2636F
No
See section
23A, Power-
Down Modes
HD64F2636UF
128-kbyte
on-chip
flash
memory
Yes
No
See section
23B, Power-
Down Modes
HD6432636F
No
See section
23A, Power-
Down Modes
H8S/2636
HD6432636UF
128-kbyte
mask ROM
4-kbyte
SRAM
Yes
No
See section
23B, Power-
Down Modes
HD64F2638F
No
See section
23A, Power-
Down Modes
HD64F2638UF
No
HD64F2638WF
256-kbyte
on-chip
flash
memory
Yes
Yes
See section
23B, Power-
Down Modes
HD6432638F
No
See section
23A, Power-
Down Modes
HD6432638UF
No
H8S/2638
HD6432638WF
256-kbyte
mask ROM
16-kbyte
SRAM
Yes
Yes
2
channels
Yes
See section
23B, Power-
Down Modes
24
Product Specifications
Product
Type
Model
ROM
RAM
Subclock
Function
I
2C Bus
Interface
HCAN
DTC,
PBC,
PPG,
DAC
Modes
HD64F2639UF
No
HD64F2639WF
256-kbyte
on-chip
flash
memory
Yes
HD6432639UF
No
H8S/2639*
1
HD6432639WF
256-kbyte
mask ROM
16-kbyte
SRAM
Yes
Yes
See section
23B, Power-
Down Modes
HD64F2630F
No
See section
23A, Power-
Down Modes
HD64F2630UF
No
HD64F2630WF
384-kbyte
on-chip
flash
memory
Yes
Yes
See section
23B, Power-
Down Modes
HD6432630F
No
See section
23A, Power-
Down Modes
HD6432630UF
No
H8S/2630
*1
*1
*2
*2
HD6432630WF
384-kbyte
mask ROM
16-kbyte
SRAM
Yes
Yes
2
channels
Yes
HD64F2635F
192-kbyte
on-chip
flash
memory
H8S/2635
HD6432635F
192-kbyte
mask ROM
H8S/2634
HD6432634F
128-kbyte
mask ROM
6-kbyte
SRAM
Yes
No
1
channel
No
See section
23B, Power-
Down Modes
Power-Down


Similar Part No. - H8S2630

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2631 RENESAS-H8S2631 Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2632 RENESAS-H8S2632 Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2633 RENESAS-H8S2633 Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2633R RENESAS-H8S2633R Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results

Similar Description - H8S2630

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2643 RENESAS-H8S2643 Datasheet
6Mb / 1277P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6417750RF240V RENESAS-HD6417750RF240V Datasheet
3Mb / 606P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2668 RENESAS-H8S2668 Datasheet
3Mb / 667P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2649 RENESAS-H8S2649 Datasheet
4Mb / 766P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2628 RENESAS-H8S2628_10 Datasheet
4Mb / 658P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD64F2636F20 RENESAS-HD64F2636F20 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2615 RENESAS-H8S2615 Datasheet
2Mb / 479P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2633 RENESAS-H8S2633 Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2646 RENESAS-H8S2646 Datasheet
5Mb / 1165P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com