Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW80NE06-10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW80NE06-10
Description  N - CHANNEL 60V - 0.0085ohm - 80A - TO-247 STripFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW80NE06-10 Datasheet(HTML) 4 Page - STMicroelectronics

  STW80NE06-10 Datasheet HTML 1Page - STMicroelectronics STW80NE06-10 Datasheet HTML 2Page - STMicroelectronics STW80NE06-10 Datasheet HTML 3Page - STMicroelectronics STW80NE06-10 Datasheet HTML 4Page - STMicroelectronics STW80NE06-10 Datasheet HTML 5Page - STMicroelectronics STW80NE06-10 Datasheet HTML 6Page - STMicroelectronics STW80NE06-10 Datasheet HTML 7Page - STMicroelectronics STW80NE06-10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations
STW80NE06-10
4/8


Similar Part No. - STW80NE06-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW80N06-10 STMICROELECTRONICS-STW80N06-10 Datasheet
57Kb / 5P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STW80NF06 STMICROELECTRONICS-STW80NF06 Datasheet
303Kb / 14P
   N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
STW80NF06 STMICROELECTRONICS-STW80NF06 Datasheet
314Kb / 14P
   N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
   N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET??POWER MOSFET
STW80NF12 STMICROELECTRONICS-STW80NF12 Datasheet
501Kb / 12P
   N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D짼PAK STripFET??II POWER MOSFET
More results

Similar Description - STW80NE06-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF06 STMICROELECTRONICS-STP80NF06 Datasheet
303Kb / 14P
   N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
   N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
STW80NF55-08 STMICROELECTRONICS-STW80NF55-08 Datasheet
277Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET??POWER MOSFET
STW80NF55-06 STMICROELECTRONICS-STW80NF55-06 Datasheet
114Kb / 6P
   N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET??II POWER MOSFET
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
   N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET??POWER MOSFET
STB80NF12 STMICROELECTRONICS-STB80NF12 Datasheet
501Kb / 12P
   N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D짼PAK STripFET??II POWER MOSFET
logo
Unisonic Technologies
UTT80N06 UTC-UTT80N06 Datasheet
228Kb / 7P
   60V, 80A N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
   N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
STW60NE10 STMICROELECTRONICS-STW60NE10 Datasheet
88Kb / 8P
   N - CHANNEL 100V - 0.016ohm - 60A TO-247 STripFET POWER MOSFET
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
   N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com