Electronic Components Datasheet Search |
|
HD64F2215U Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
HD64F2215U Datasheet(HTML) 5 Page - Renesas Technology Corp |
5 / 878 page Rev.7.00 Mar. 27, 2007, Page v of lviii REJ09B0140-0700 Preface This LSI is a high-performance microcomputer (MCU) made up of the H8S/2000 CPU with Renesas’ original architecture as its core, and the peripheral functions required to configure a system. The H8S/2000 CPU has an internal 32-bit configuration, sixteen 16-bit general registers, and a simple and optimized instruction set for high-speed operation. The H8S/2000 CPU can handle a 16-Mbyte linear address space. The instruction set of the H8S/2000 CPU maintains upward compatibility at the object level with the H8/300 and H8/300H CPUs. This allows the H8/300, H8/300L, or H8/300H user to easily utilize the H8S/2000 CPU. This LSI is equipped with ROM, RAM, a direct memory access controller (DMAC), a bus master for a data transfer controller (DTC), a 16-bit timer pulse unit (TPU), an 8-bit timer (TMR), a watchdog timer (WDT), a universal serial bus (USB), two types of serial communication interfaces (SCIs), an A/D converter, a D/A converter, and I/O ports as on-chip peripheral modules for system configuration. A single-power flash memory (F-ZTAT™*) version and masked ROM version are available for this LSI’s ROM. The F-ZTAT version provides flexibility as it can be reprogrammed in no time to cope with all situations from the early stages of mass production to full-scale mass production. This is particularly applicable to application devices with specifications that will most probably change. This manual describes this LSI’s hardware. Note: * F-ZTAT is a trademark of Renesas Technology, Corp. Target Users: This manual was written for users who will be using the H8S/2215 Group in the design of application systems. Target users are expected to understand the fundamentals of electrical circuits, logical circuits, and microcomputers. Objective: This manual was written to explain the hardware functions and electrical characteristics of the H8S/2215 Group to the target users. Refer to the H8S/2600 Series, H8S/2000 Series Software Manual, for a detailed description of the instruction set. Notes on reading this manual: • In order to understand the overall functions of the chip Read the manual according to the contents. This manual can be roughly categorized into parts on the CPU, system control functions, peripheral functions and electrical characteristics. |
Similar Part No. - HD64F2215U |
|
Similar Description - HD64F2215U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |