Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S-2268 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H8S-2268
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
Download  725 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S-2268 Datasheet(HTML) 5 Page - Renesas Technology Corp

  H8S-2268 Datasheet HTML 1Page - Renesas Technology Corp H8S-2268 Datasheet HTML 2Page - Renesas Technology Corp H8S-2268 Datasheet HTML 3Page - Renesas Technology Corp H8S-2268 Datasheet HTML 4Page - Renesas Technology Corp H8S-2268 Datasheet HTML 5Page - Renesas Technology Corp H8S-2268 Datasheet HTML 6Page - Renesas Technology Corp H8S-2268 Datasheet HTML 7Page - Renesas Technology Corp H8S-2268 Datasheet HTML 8Page - Renesas Technology Corp H8S-2268 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 725 page
background image
Rev. 4.00 Mar 21, 2006 page v of lxviii
Preface
This LSI is a high-performance microcontroller (MCU) made up of the H8S/2000 CPU with an
internal 32-bit configuration as its core, and the peripheral functions required to configure a
system.
A single-power flash memory (F-ZTATTM)* version and a masked-ROM version are available for
this LSI's ROM. The F-ZTAT version provides flexibility as it can be reprogrammed in no time to
cope with all situations from the early stages of mass production to full-scale mass production.
This is particularly applicable to application devices with specifications that will most probably
change.
Note: * F-ZTAT is a trademark of Renesas Technology Corp.
Target Users: This manual was written for users who will be using the H8S/2268 Group and
H8S/2264 Group in the design of application systems. Target users are expected to
understand the fundamentals of electrical circuits, logical circuits, and
microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the H8S/2268 Group and H8S/2264 Group to the target users.
Refer to the H8S/2600 Series, H8S/2000 Series Programming Manual for a
detailed description of the instruction set.
Notes on Reading This Manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the H8S/2600 Series, H8S/2000 Series Programming Manual.
• In order to understand the details of a register when its name is known
Read the index that is the final part of the manual to find the page number of the entry on the
register. The addresses, bits, and initial values of the registers are summarized in section 24,
List of Registers.
Examples:
Register name:
The following notation is used for cases when the same or a
similar function, e.g. 16-bit timer pulse unit or serial
communication, is implemented on more than one channel:
XXX_N (XXX is the register name and N is the channel
number)
Bit order:
The MSB is on the left and the LSB is on the right.


Similar Part No. - H8S-2268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2212 RENESAS-H8S-2212 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2214 RENESAS-H8S-2214 Datasheet
5Mb / 936P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2223 RENESAS-H8S-2223 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2224 RENESAS-H8S-2224 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
More results

Similar Description - H8S-2268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S14 RENESAS-H8S14 Datasheet
5Mb / 938P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S18 RENESAS-H8S18 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2258 RENESAS-H8S-2258 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S2215 RENESAS-H8S2215 Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S15 RENESAS-H8S15 Datasheet
5Mb / 904P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2245 RENESAS-H8S2245 Datasheet
3Mb / 818P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com