Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F38522 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD64F38522
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
Download  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F38522 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD64F38522 Datasheet HTML 5Page - Renesas Technology Corp HD64F38522 Datasheet HTML 6Page - Renesas Technology Corp HD64F38522 Datasheet HTML 7Page - Renesas Technology Corp HD64F38522 Datasheet HTML 8Page - Renesas Technology Corp HD64F38522 Datasheet HTML 9Page - Renesas Technology Corp HD64F38522 Datasheet HTML 10Page - Renesas Technology Corp HD64F38522 Datasheet HTML 11Page - Renesas Technology Corp HD64F38522 Datasheet HTML 12Page - Renesas Technology Corp HD64F38522 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 544 page
background image
Rev. 1.00 Dec. 19, 2007 Page ix of xx
5. List of Product Specifications
Below is a table listing the product specifications for each group.
H8/38524 Group
Item
Flash Memory
Mask ROM
ROM
16 K, 32 Kbytes
8 K, 12 K, 16 K, 24 K, 32 Kbytes
Memory
RAM
1 Kbyte
512 bytes, 1 Kbyte
4.5 to 5.5 V
20 MHz
20 MHz
2.7 to 5.5 V
20 MHz
20 MHz
1.8 to 5.5 V
2.7 to 3.6 V
Operating
voltage
and
operating
frequency
1.8 to 3.6 V
Input
9
9
Output
6
6
I/O ports
I/O
50
50
Clock (timer A)
1
1
Reload (timer C)
1
1
Compare (timer F)
1
1
Capture (timer G)
1
1
AEC
1
1
WDT
Timers
WDT (discrete)
1
1
SCI
UART/Synchronous
1 ch
1 ch
A-D
(resolution
× input channels)
10 bit
× 8 ch
10 bit
× 8 ch
seg
32
32
LCD
com
4
4
External interrupt
(internal wakeup)
13(8)
13(8)
POR (power-on reset)
1
1
LVD
(low-voltage detection circuit)
1
1
FP-80A
FP-80A
Package
TFP-80C
TFP-80C
Operating temperature
Standard specifications: –20 to 75
°C, WTR: –40 to 85°C
All trademarks and registered trademarks are the property of their respective owners.


Similar Part No. - HD64F38522

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3854 RENESAS-HD64F3854 Datasheet
2Mb / 560P
   8-Bit Single-Chip Microcomputer
HD64F3857 RENESAS-HD64F3857 Datasheet
2Mb / 560P
   8-Bit Single-Chip Microcomputer
More results

Similar Description - HD64F38522

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838086R RENESAS-H838086R Datasheet
3Mb / 697P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H83048 RENESAS-H83048 Datasheet
8Mb / 905P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83068F RENESAS-H83068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83028 RENESAS-H83028 Datasheet
8Mb / 923P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83029 RENESAS-H83029 Datasheet
4Mb / 1010P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83024 RENESAS-H83024 Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com