Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64338085R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD64338085R
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
Download  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338085R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD64338085R Datasheet HTML 6Page - Renesas Technology Corp HD64338085R Datasheet HTML 7Page - Renesas Technology Corp HD64338085R Datasheet HTML 8Page - Renesas Technology Corp HD64338085R Datasheet HTML 9Page - Renesas Technology Corp HD64338085R Datasheet HTML 10Page - Renesas Technology Corp HD64338085R Datasheet HTML 11Page - Renesas Technology Corp HD64338085R Datasheet HTML 12Page - Renesas Technology Corp HD64338085R Datasheet HTML 13Page - Renesas Technology Corp HD64338085R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 697 page
background image
Rev. 3.00 Aug 23, 2006 Page x of lxxviii
Item
Page
Revision (See Manual for Details)
2.8.3 Bit-Manipulation
Instruction
57
• Prior to executing BSET instruction
MOV.B #H'80, R0L
59
• Prior to executing BCLR instruction
MOV.B #H'3F, R0L
3.1 Exception
Sources and Vector
Address
Table 3.1 Exception
Sources and Vector
Address
62
Table amended
Source Origin
Exception Sources
Vector
Number
Vector Address
Priority
Address break
Break conditions satisfied
5
H'000A to H'000B
Internal interrupts*
19 to 43
H'0026 to H'0057
Low
3.2 Reset
63, 64
Replaced
3.3 Interrupts
65
Description amended
.. The interrupt controller can set interrupts other than NMI to one
of three mask levels in order to control multiple interrupts. The
interrupt priority registers A to E (IPRA to IPRE) of the interrupt
controller set the interrupt mask level.
3.5.1 Notes on Stack
Area Use
68
Description amended
To save register values, use PUSH.W Rn (MOV.W Rn, @–SP)
or PUSH.L ERn (MOV.L ERn, @–SP). To restore register values,
use POP.W Rn (MOV.W @SP+, Rn) or POP.L ERn (MOV.L
@SP+, ERn).
During interrupt exception handling or when an RTE instruction is
executed, CCR contents are saved and restored in word size.
Section 4 Interrupt
Controller
4.1 Features
73
Description amended
• Mask levels settable with IPR
An interrupt priority register (IPR) is provided for setting interrupt
mask levels. Three mask levels can be set for each module for
all interrupts except
NMI and address break.


Similar Part No. - HD64338085R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433800 HITACHI-HD6433800 Datasheet
1Mb / 435P
   Single-Chip Microcomputer
logo
Renesas Technology Corp
HD6433800 RENESAS-HD6433800 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64338000 RENESAS-HD64338000 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64338000S RENESAS-HD64338000S Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64338001 RENESAS-HD64338001 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
More results

Similar Description - HD64338085R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H838524 RENESAS-H838524 Datasheet
3Mb / 544P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H83048 RENESAS-H83048 Datasheet
8Mb / 905P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83068F RENESAS-H83068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83028 RENESAS-H83028 Datasheet
8Mb / 923P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83029 RENESAS-H83029 Datasheet
4Mb / 1010P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83024 RENESAS-H83024 Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com