Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W7NB80 Datasheet(PDF) 2 Page - STMicroelectronics

Part # W7NB80
Description  N-CHANNEL 800V - 1.6ohm - 6.5A - TO-247 PowerMESH MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W7NB80 Datasheet(HTML) 2 Page - STMicroelectronics

  W7NB80 Datasheet HTML 1Page - STMicroelectronics W7NB80 Datasheet HTML 2Page - STMicroelectronics W7NB80 Datasheet HTML 3Page - STMicroelectronics W7NB80 Datasheet HTML 4Page - STMicroelectronics W7NB80 Datasheet HTML 5Page - STMicroelectronics W7NB80 Datasheet HTML 6Page - STMicroelectronics W7NB80 Datasheet HTML 7Page - STMicroelectronics W7NB80 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
0.78
oC/W
Rthj-amb
Rthc-sink
T l
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature F or Soldering Purpose
30
0.1
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
6.5
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
260
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
800
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc = 125
oC
1
50
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS =VGS ID = 250
µA
345
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V
ID =3 A
1.6
1. 9
ID(o n)
On State Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
6. 5
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(o n) xRDS(on )max
ID =3 A
2. 5
4.7
S
Ciss
Cos s
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
1250
145
16
pF
pF
pF
STW7NB80
2/8


Similar Part No. - W7NB80

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
W7NA80 NJSEMI-W7NA80 Datasheet
154Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results

Similar Description - W7NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
   N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
   N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
STW8NB80 STMICROELECTRONICS-STW8NB80 Datasheet
50Kb / 5P
   N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
STW9NB80 STMICROELECTRONICS-STW9NB80 Datasheet
86Kb / 8P
   N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
STW11NB80 STMICROELECTRONICS-STW11NB80 Datasheet
87Kb / 8P
   N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
   N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
   N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STP7NC80Z STMICROELECTRONICS-STP7NC80Z Datasheet
542Kb / 13P
   N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
   N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
   N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com