Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6288 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N6288
Description  POWER TRANSISTORS(7A,40W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N6288 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N6288 Datasheet HTML 1Page - Mospec Semiconductor 2N6288 Datasheet HTML 2Page - Mospec Semiconductor 2N6288 Datasheet HTML 3Page - Mospec Semiconductor 2N6288 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A


Similar Part No. - 2N6288

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6288 ONSEMI-2N6288 Datasheet
149Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
April, 2002 ??Rev. 5
logo
Continental Device Indi...
2N6288 CDIL-2N6288 Datasheet
187Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N6288 BOCA-2N6288 Datasheet
101Kb / 3P
   EPITAXIAL-BASE, SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
ON Semiconductor
2N6288 ONSEMI-2N6288 Datasheet
112Kb / 5P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 11
logo
Central Semiconductor C...
2N6288 CENTRAL-2N6288 Datasheet
71Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - 2N6288

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
   POWER TRANSISTORS(7A,40W)
2SD633 MOSPEC-2SD633 Datasheet
127Kb / 3P
   POWER TRANSISTORS(7A,40W)
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
   POWER TRANSISTOR(7A,400V,40W)
BD241 MOSPEC-BD241 Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
2SB703 MOSPEC-2SB703 Datasheet
174Kb / 4P
   POWER TRANSISTORS(4.0A,40W)
logo
Sanyo Semicon Device
2SB776 SANYO-2SB776_V01 Datasheet
128Kb / 4P
   100V/7A, AF 40W Output Applications
2SB776 SANYO-2SB776 Datasheet
116Kb / 4P
   100V/7A, AF 40W Output Applications????
logo
Mospec Semiconductor
2SC2979 MOSPEC-2SC2979 Datasheet
135Kb / 3P
   POWER TRANSISTORS(3A,800V,40W)
2SC3086 MOSPEC-2SC3086 Datasheet
123Kb / 3P
   POWER TRANSISTORS(3A,500V,40W)
2SD613 MOSPEC-2SD613 Datasheet
132Kb / 3P
   POWER TRANSISTORS(6A,85V,40W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com