Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5S72060W200FPV Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5S72060W200FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
Download  1188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5S72060W200FPV Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5S72060W200FPV Datasheet HTML 3Page - Renesas Technology Corp R5S72060W200FPV Datasheet HTML 4Page - Renesas Technology Corp R5S72060W200FPV Datasheet HTML 5Page - Renesas Technology Corp R5S72060W200FPV Datasheet HTML 6Page - Renesas Technology Corp R5S72060W200FPV Datasheet HTML 7Page - Renesas Technology Corp R5S72060W200FPV Datasheet HTML 8Page - Renesas Technology Corp R5S72060W200FPV Datasheet HTML 9Page - Renesas Technology Corp R5S72060W200FPV Datasheet HTML 10Page - Renesas Technology Corp R5S72060W200FPV Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1188 page
background image
Rev. 3.00 Jun. 18, 2008 Page vii of xxiv
• Examples
The notation used for register names, bit names, numbers, and symbols in this manual is
described below.
CMCSR indicates compare match generation, enables or disables interrupts, and selects the counter
input clock.Generation of a
WDTOVF signal or interrupt initializes the TCNT value to 0.
14.3 Operation
The style (register name)_(channel number) is used in cases where the same or a
similar function is implemented on more than one channel.
Example: CMCSR_0
When bit names are given in this manual, the higher-order bits are to the left and the
lower-order bits are to the right.
Example: CKS1, CKS0
(1) Registers
(2) Bits
Rev. 0.50, 10/04, page 416 of 914
14.2.2 Compare Match Control/Status Register_0, _1 (CMCSR_0, CMCSR_1)
14.3.1 Interval Count Operation
(4)
(2)
(3)
(1)
Binary numbers are given as B'xxxx, hexadecimal are given as H'xxxx, and decimal
are given as xxxx.
Examples: B'11 or 11, H'EFA0, 1234
(3) Numbers
An overbar is added to the names of active-low signals.
Example:
WDTOVF
Note: The bit names and sentences in the above figure are examples, and have nothing to do
with the contents of this manual.
(4) Symbols
When an internal clock is selected with the CKS1 and CKS0 bits in CMCSR and the STR bit in
CMSTR is set to 1, CMCNT starts incrementing using the selected clock. When the values in
CMCNT and the compare match constant register (CMCOR) match, CMCNT is cleared to H'0000
and the CMF flag in CMCSR is set to 1. When the CKS1 and CKS0 bits are set to B'01 at this time,
a f/4 clock is selected.


Similar Part No. - R5S72060W200FPV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5S72011 RENESAS-R5S72011 Datasheet
7Mb / 1196P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
R5S72030W200FP RENESAS-R5S72030W200FP Datasheet
9Mb / 1686P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
R5S72050W200BG RENESAS-R5S72050W200BG Datasheet
10Mb / 1904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
More results

Similar Description - R5S72060W200FPV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7201 RENESAS-SH7201 Datasheet
7Mb / 1196P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7203 RENESAS-SH7203 Datasheet
9Mb / 1686P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7205 RENESAS-SH7205 Datasheet
10Mb / 1904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7211 RENESAS-SH7211 Datasheet
6Mb / 1228P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7619 RENESAS-SH7619 Datasheet
4Mb / 836P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7144 RENESAS-SH7144_08 Datasheet
4Mb / 930P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144 Series
SH7670 RENESAS-SH7670 Datasheet
6Mb / 1292P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
SH7261 RENESAS-SH7261 Datasheet
7Mb / 1348P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com