Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16245ADLRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVTH16245ADLRG4
Description  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVTH16245ADLRG4 Datasheet(HTML) 5 Page - Texas Instruments

  74LVTH16245ADLRG4 Datasheet HTML 1Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 2Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 3Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 4Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 5Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 6Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 7Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 8Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
Electrical Characteristics
SN54LVTH16245A
,, SN74LVTH16245A
3.3-V ABT 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS143R – MAY 1992 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range (unless otherwise noted)
SN54LVTH16245A
SN74LVTH16245A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(1)
MAX
MIN TYP(1)
MAX
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
–1.2
V
VCC = 2.7 V to 3.6 V,
IOH = –100 µA
VCC – 0.2
VCC – 0.2
VCC = 2.7 V,
IOH = –8 mA
2.4
2.4
VOH
V
IOH = –24 mA
2
VCC = 3 V
IOH = –32 mA
2
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
IOL = 16 mA
0.4
0.4
VOL
V
IOL = 32 mA
0.5
0.5
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
VCC = 3.6 V,
VI = VCC or GND
±1
±1
Control
inputs
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
II
VI = 5.5 V
20
20
µA
A or B
VCC = 3.6 V
VI = VCC
5
5
port(2)
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
VI = 0.8 V
75
75
VCC = 3 V
A or B
VI = 2 V
–75
–75
II(hold)
µA
port
500
VCC = 3.6 V,(3)
VI = 0 to 3.6 V
–750
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V,
IOZPU
±100(4)
±100
µA
OE = don't care
VCC = 1.5 V to 0, VO = 0.5 V to 3 V,
IOZPD
±100(4)
±100
µA
OE = don't care
Outputs high
0.19
0.19
VCC = 3.6 V,
ICC
IO = 0,
Outputs low
5
5
mA
VI = VCC or GND
Outputs disabled
0.19
0.19
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
∆I
CC
(5)
0.2
0.2
mA
Other inputs at VCC or GND
Ci
VI = 3 V or 0
4
4
pF
Cio
VO = 3 V or 0
10
10
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
Unused pins at VCC or GND
(3)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(4)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(5)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
5
Submit Documentation Feedback


Similar Part No. - 74LVTH16245ADLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH16245ADLRG4 TI-74LVTH16245ADLRG4 Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADLRG4 TI-74LVTH16245ADLRG4 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADLRG4 TI-74LVTH16245ADLRG4 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADLRG4 TI1-74LVTH16245ADLRG4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH16245ADLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_08 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_06 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVH162245 TI-SN54LVH162245 Datasheet
115Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com