Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65849CFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M65849CFP
Description  SINGLE CHIP SURROUND PROCESSOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65849CFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M65849CFP Datasheet HTML 1Page - Renesas Technology Corp M65849CFP Datasheet HTML 2Page - Renesas Technology Corp M65849CFP Datasheet HTML 3Page - Renesas Technology Corp M65849CFP Datasheet HTML 4Page - Renesas Technology Corp M65849CFP Datasheet HTML 5Page - Renesas Technology Corp M65849CFP Datasheet HTML 6Page - Renesas Technology Corp M65849CFP Datasheet HTML 7Page - Renesas Technology Corp M65849CFP Datasheet HTML 8Page - Renesas Technology Corp M65849CFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
M65849CFP
Rev.1.00, Sep.04.2003, page 5 of 22
Absolute Maximum Ratings
No.
Parameter
Conditions
Ratings
Units
Vcc
Supply voltage
6.5
V
Icc
Circuit Current
50.0
mA
Pd
Power dissipation
325
mW
Topr
Operating
Temperature
-20 to +75
°C
Tstg
Storage Temperature
-40 to +125
°C
Recommended Operating Conditions
Limits
No.
Parameter
Conditions
Min.
Typ.
Max.
Units
Vcc
Supply Voltage
4.5
5.0
5.5
V
V
IH
High Input Voltage
4, 5, 6
2.4
Vcc
V
V
IL
Low Input Voltage
4, 5, 6
0
0.8
V
fck
CLOCK Frequency
3
4
5
MHz
Thermal Derating
Ambient Temperature Ta [˚C]
0
500
1000
1500
0
25
50
75
100
125
150
1080mW
540mW


Similar Part No. - M65849CFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65849 MITSUBISHI-M65849 Datasheet
84Kb / 15P
   SINGLE CHIP SURROUND PROCESSOR
M65849BFP MITSUBISHI-M65849BFP Datasheet
84Kb / 15P
   SINGLE CHIP SURROUND PROCESSOR
logo
Renesas Technology Corp
M65849BFP RENESAS-M65849BFP Datasheet
4Mb / 16P
   SINGLE CHIP SURROUND PROCESSOR
More results

Similar Description - M65849CFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65849BFP MITSUBISHI-M65849BFP Datasheet
84Kb / 15P
   SINGLE CHIP SURROUND PROCESSOR
logo
Renesas Technology Corp
M65849BFP RENESAS-M65849BFP Datasheet
4Mb / 16P
   SINGLE CHIP SURROUND PROCESSOR
logo
Mitsubishi Electric Sem...
M658489BFP MITSUBISHI-M658489BFP Datasheet
84Kb / 15P
   SINGLE CHIP SURROUND PROCESSOR
logo
Agamem Microelectronic ...
AA8334 AGAMEM-AA8334 Datasheet
242Kb / 9P
   SURROUND PROCESSOR
logo
YAMAHA CORPORATION
YM7128B YAMAHA-YM7128B Datasheet
975Kb / 9P
   Surround Processor
logo
Princeton Technology Co...
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
   Echo/Surround Processor
logo
Mitsumi Electronics, Co...
MM1454 MITSUMI-MM1454 Datasheet
120Kb / 5P
   Q Surround Processor
logo
Mitsubishi Electric Sem...
M62460FP MITSUBISHI-M62460FP Datasheet
280Kb / 20P
   ?쏶uper Single Chip??Surround Processor with Dolby Pro Logic Decoder
logo
List of Unclassifed Man...
YSS220 ETC1-YSS220 Datasheet
776Kb / 20P
   SURROUND PROCESSOR 3
logo
Toshiba Semiconductor
TC9452F TOSHIBA-TC9452F Datasheet
606Kb / 15P
   SINGLE CHIP SURROUND LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com