Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65665DSP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M65665DSP
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65665DSP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M65665DSP Datasheet HTML 6Page - Renesas Technology Corp M65665DSP Datasheet HTML 7Page - Renesas Technology Corp M65665DSP Datasheet HTML 8Page - Renesas Technology Corp M65665DSP Datasheet HTML 9Page - Renesas Technology Corp M65665DSP Datasheet HTML 10Page - Renesas Technology Corp M65665DSP Datasheet HTML 11Page - Renesas Technology Corp M65665DSP Datasheet HTML 12Page - Renesas Technology Corp M65665DSP Datasheet HTML 13Page - Renesas Technology Corp M65665DSP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
M65665DSP
Rev.2.00, Sep.04.2003, page 10 of 17
I
2C Register Information
When using any or all of the information contained in this table, please be sure to evaluate all information as a total
system before making a final decision on the applicability of the information and products.
1/9 Ref. Value
Address
Bit
Symbol
Read/
Write
Reset
Value
NTSC
Trinorma
Remarks
00h
<7>
DISP
W/R
0
1h
1h
Sub picture display : [0] off , [1] on
<6>
SIZE_V
W/R
0
0
0
Sub picture vertical size : [0] 1/9 , [1] 1/16
<5>
SIZE_H
W/R
0
0
0
Sub picture horizontal size : [0] 1/9 , [1] 1/16
<4>
WEN
W/R
0
1h
1h
Sub picture : [0] Still , [1] Moving
<3>
BGC
W/R
0
0
0
Back ground display : [0] off , [1] on
<2>
BGCS
W/R
0
0
0
Sub picture mute : [0] off , [1] on
<1>
FREE_RUN
W/R
0
0
0
VCXO oscilation : [0] Lock , [1] Free run
<0>
XTALVLATCH
W/R
0
0
1h
X'tal change V-Latch Enable : [0] disable , [1]
enable
01h
<7:0>
VXA<7:0>
W/R
0
20h
20h
Sub picture vertical position
02h
<7:0>
HXA<7:0>
W/R
0
20h
20h
Sub picture horizontal position
03h
<7>
DECODE
W/R
0
0
0
Sub picture color decoder reset : [1] reset
<6:0>
CONTRAST<6:0>
W/R
0
32h
32h
Sub picture Y or R DAC output amplitude
control
04h
<7>
KILLER
W/R
0
0
0
Sub picture color killer : [0] enable , [1] disable
<6:0>
U_DAC<6:0>
W/R
0
32h
32h
Sub picture U or G DAC output amplitude
control
05h
<7>
GRC
W/R
0
1h
1h
Frame display : [0] off , [1] on
<6>
YUVN_RGB_SEL
W/R
0
0
0
PIP output mode selection : [0] YUV , [1] RGB
<5:0>
TINT<5:0>
W/R
0
0
0
Sub picture TINT control
06h
<7:6>
EXT_SC_SEL<1:0>
W/R
0
1h
1h
Sub picture c-sync sep. selection :
[0] int. digital , [1] int. auto slice , [2] ext.(18
pin) , [3] int. analog
<5:4>
DCONT<1:0>
W/R
0
0
0
Sub picture int. c-sync sep. threshhold setting.
<3:0>
HT<3:0>
W/R
0
Ah
Ah
Sub picture display timing adjust
07h
<7:6>
INPUT_SEL<1:0>
W/R
0
2h
2h
Sub picture input selection : [0] YC , [1] N.A. ,
[2] CVBS , [3] YUV
<5:0>
BG_START<5:0>
W/R
0
0Fh
0Fh
Sub picture Burst Gate Pulse position setting
08h
<7:4>
ADJ<3:0>
W/R
0
4h
4h
Main/Sub switch delay control
<3:0>
YDL<3:0>
W/R
0
Ah
Ah
Sub picture Y/C delay adjust
09h
<7:5>
BGBY<2:0>
W/R
0
0
0
Back ground U level setting
<4:0>
Y_OFFSET<4:0>
W/R
0
0Fh
0Fh
Sub picture Y bright control
0Ah
<7>
VCHIP ONLY
W/R
0
1h
1h
V-chip decode mode : [0] off , [1] on
<6:4>
BGRY<2:0>
W/R
0
0
0
Back ground V level setting
<3:0>
BGY<3:0>
W/R
0
6h
6h
Back ground Y level setting
0Bh
<7:4>
PEDESTV<3:0>
W/R
0
0
0
Sub picture V pedestal level (2's comp)
<3:0>
PEDESTU<3:0>
W/R
0
0
0
Sub picture U pedestal level (2's comp)


Similar Part No. - M65665DSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65665 MITSUBISHI-M65665 Datasheet
266Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665CSP RENESAS-M65665CSP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65665FP MITSUBISHI-M65665FP Datasheet
266Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP MITSUBISHI-M65665SP Datasheet
266Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results

Similar Description - M65665DSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP RENESAS-M65667SP Datasheet
237Kb / 12P
   Picture-in-Picture Signal Processing
logo
Mitsubishi Electric Sem...
M65617SP MITSUBISHI-M65617SP Datasheet
74Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667FP MITSUBISHI-M65667FP Datasheet
59Kb / 9P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com