Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB39A104 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB39A104
Description  2-ch DC/DC Converter IC with Overcurrent Protection
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A104 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB39A104_08 Datasheet HTML 1Page - Fujitsu Component Limited. MB39A104_08 Datasheet HTML 2Page - Fujitsu Component Limited. MB39A104_08 Datasheet HTML 3Page - Fujitsu Component Limited. MB39A104_08 Datasheet HTML 4Page - Fujitsu Component Limited. MB39A104_08 Datasheet HTML 5Page - Fujitsu Component Limited. MB39A104_08 Datasheet HTML 6Page - Fujitsu Component Limited. MB39A104_08 Datasheet HTML 7Page - Fujitsu Component Limited. MB39A104_08 Datasheet HTML 8Page - Fujitsu Component Limited. MB39A104_08 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DS04-27231-5Ea
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2002-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2006.8
ASSP For Power Management Applications
(General Purpose DC/DC Converter)
2-ch DC/DC Converter IC
with Overcurrent Protection
MB39A104
■ DESCRIPTION
The MB39A104 is a 2-channel DC/DC converter IC using pulse width modulation (PWM), incorporating an
overcurrent protection circuit (requiring no current sense resistor). This IC is ideal for down conversion.
Operating at high frequency reduces the value of coil.
This is ideal for built-in power supply such as LCD monitors and ADSL.
This product is covered by US Patent Number 6,147,477.
■ FEATURES
• Built-in timer-latch overcurrent protection circuit (requiring no current sense resistor)
• Power supply voltage range : 7 V to 19 V
• Reference voltage : 5.0 V
± 1 %
• Error amplifier threshold voltage : 1.24 V
± 1 %
• High-frequency operation capability : 1.5 MHz (Max)
• Built-in standby function: 0
µA (Typ)
• Built-in soft-start circuit independent of loads
• Built-in totem-pole type output for P-ch MOS FET
• One type of package (SSOP-24 pin : 1 type)
■ APPLICATION
• LCD monitor/panel
• IP phone
• Printer
• Video capture
etc.


Similar Part No. - MB39A104_08

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104_06 Datasheet
519Kb / 38P
   2-ch DC/DC Converter IC with Overcurrent Protection
More results

Similar Description - MB39A104_08

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104_06 Datasheet
519Kb / 38P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB3886 FUJITSU-MB3886 Datasheet
293Kb / 30P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB3889 FUJITSU-MB3889 Datasheet
361Kb / 35P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A106 FUJITSU-MB39A106 Datasheet
572Kb / 46P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
logo
Cypress Semiconductor
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Tyco Electronics
MB39A102 MACOM-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com