Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM136-3063B Datasheet(PDF) 1 Page - International Rectifier

Part # IRAM136-3063B
Description  Integrated Power Hybrid IC for Low Voltage Motor Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-3063B Datasheet(HTML) 1 Page - International Rectifier

  IRAM136-3063B Datasheet HTML 1Page - International Rectifier IRAM136-3063B Datasheet HTML 2Page - International Rectifier IRAM136-3063B Datasheet HTML 3Page - International Rectifier IRAM136-3063B Datasheet HTML 4Page - International Rectifier IRAM136-3063B Datasheet HTML 5Page - International Rectifier IRAM136-3063B Datasheet HTML 6Page - International Rectifier IRAM136-3063B Datasheet HTML 7Page - International Rectifier IRAM136-3063B Datasheet HTML 8Page - International Rectifier IRAM136-3063B Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PD-97288 RevA
IRAM136-3063B
Series
30A, 600V
Integrated Power Hybrid IC for
Low Voltage Motor Applications
with Internal Shunt Resistor
Description
International Rectifier's IRAM136-3063B is a 30A, 600V Integrated Power Hybrid IC with Internal Shunt
Resistor for Appliance Motor Drives applications such air conditioning systems and compressor drivers as
well as for light industrial application. IR's technology offers an extremely compact, high performance AC
motor driver in a single isolated package to simplify design.
This advanced HIC is a combination of IR's low VCE(on) Punch-Through IGBT technology and the industry
benchmark 3-Phase high voltage, high speed driver in a fully isolated thermally enhanced package. A built-
in temperature monitor and over-current and over-temperature protections, along with the short-circuit
rated IGBTs and integrated under-voltage lockout function, deliver high level of protection and failsafe
operation. Using a new developed single in line package (SiP3) with heat spreader for the power die along
with full transfer mold structure minimizes PCB space and resolves isolation problems to heatsink.
Features
• Integrated Gate Drivers
• Temperature Monitor and Protection
• Overcurrent shutdown
• Low VCE(on) Advance Planar Super Rugged Technology
• Undervoltage lockout for all channels
• Matched propagation delay for all channels
• 5V Schmitt-triggered input logic
• Cross-conduction prevention logic
• Lower di/dt gate driver for better noise immunity
• Motor Power up to 3.3kW / 85~253 Vdc
• Fully Isolated Package, Isolation 2000VRMS min
Absolute Maximum Ratings
Parameter
Description
Value
Units
VCES / VRRM
IGBT/Diode Blocking Voltage
600
V
+
Positive Bus Input Voltage
450
IO @ TC=25°C
Maximum Output Current
30
IO @ TC=100°C
RMS Phase Current (Note 1)
15
IO
Pulsed RMS Phase Current (Note 2)
50
FPWM
PWM Carrier Frequency
20
kHz
PD
Power dissipation per IGBT @ TC =25°C
73
W
VISO
Isolation Voltage (1min)
2000
VRMS
TJ (IGBT & Diode & IC)
Maximum Operating Junction Temperature
+150
TC
Operating Case Temperature Range
-20 to +100
TSTG
Storage Temperature Range
-40 to +125
T
Mounting torque Range (M4 screw)
0.7 to 1.17
Nm
Note 1: Sinusoidal Modulation at V
+=400V, T
J=150°C, FPWM=6kHz, Modulation Depth=0.8, PF=0.6, See Figure 3.
Note 2: tP<100ms; TC=25°C; FPWM=6kHz. Limited by IBUS-ITRIP, see Table "Inverter Section Electrical Characteristics"
V
A
°C
www.irf.com
1


Similar Part No. - IRAM136-3063B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-3063B IRF-IRAM136-3063B Datasheet
237Kb / 17P
   Integrated Power Hybrid IC for High Voltage Motor Applications
IRAM136-3063B IRF-IRAM136-3063B Datasheet
237Kb / 17P
   Temperature Monitor and Protection
IRAM136-3063B IRF-IRAM136-3063B_11 Datasheet
237Kb / 17P
   Integrated Power Hybrid IC for High Voltage Motor Applications
IRAM136-3063B IRF-IRAM136-3063B_15 Datasheet
237Kb / 17P
   Temperature Monitor and Protection
More results

Similar Description - IRAM136-3063B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-3023B IRF-IRAM136-3023B Datasheet
218Kb / 16P
   Integrated Power Hybrid IC for Low Voltage Motor Applications
IRAM136-3063B IRF-IRAM136-3063B_11 Datasheet
237Kb / 17P
   Integrated Power Hybrid IC for High Voltage Motor Applications
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM336-025SB IRF-IRAM336-025SB Datasheet
400Kb / 16P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS10UP60B IRF-IRAMS10UP60B_15 Datasheet
399Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com