Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7079-30DI-TRL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7079-30DI-TRL
Description  Low-Supply-Current Synchronous Step-up DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7079-30DI-TRL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7079-30DI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7079-30DI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7079-30DI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7079-30DI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7079-30DI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW7079-30DI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW7079-30DI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APW7079-30DI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APW7079-30DI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2008
APW7079
www.anpec.com.tw
9
Application Information
Input Capacitor Selection
The input capacitor is chosen based on the voltage rating
and the RMS current rating. For reliable operation, it is
recommended to select the capacitor voltage rating at
least 1.3 times higher than the maximum input voltage.
The maximum RMS current rating of the input capacitor is
calculated as the following equation:
Output Capacitor Selection
L
T
V
3
1
I
ON
IN
RMS
=
where
T
ON = main switch max. on-time (4µ s typical)
V
IN = input voltage
L = inductor value in µH
The capacitors should be placed close to the inductor
and the GND.
An output capacitor is required to filter the output and sup-
ply the load transient current. The output ripple is the sum
of the voltages across the ESR and the ideal output
capacitor. The peak-to-peak voltage of the ESR is calcu-
lated as the following equations:
LIM
ON
IN
IN
OUT
OUT
PEAK
I
L
2
T
V
V
I
V
I
+
η
=
ESR
x
I
V
PEAK
ESR
=
Where
I
PEAK = peak current of inductor in amp
η
= efficiency (0.85 typical)
The peak-to-peak voltage of the ideal output capacitor is
calculated as the following equation:
For the applications using tantalum capacitors, the
∆V
COUT
is much smaller than the V
ESR and c an b e i g n o re d .
Therefore, the AC peak-to-peak output voltage (
∆V
OUT) is
shown as below:
OUT
ON
OUT
COUT
C
T
I
V
×
=
ESR
x
I
V
PEAK
OUT
=
Since the output ripple is the product of the peak inductor
current and the output capacitor ESR, using low-ESR tan-
talum capacitors for the best performance or connecting
two or more filter capacitors in parallel is recommended.
Inductor Selection
η


×
=
L
2
V
V
T
I
V
V
I
IN
OUT
OFF
LIM
OUT
IN
)
MAX
(
OUT
where
T
OFF = main switch min. off-time (0.9µs typical)
Therefore, to consider the balance of the efficiency and
component size, an inductor value of 22
µH to 47µH is
recommended in most applications.
V
IN
V
OUT
I
LX
N-FET
P-FET
LX
I
OUT
ESR
I
SWN
I
SWP
C
IN
C
OUT
I
IN
The inductor value determines the inductor ripple current
and affects the load transient response. It is recom-
mended to select the boost inductor in order to keep the
maximum peak inductor current below the current limit
threshold of the power switch. For example, the current
limit threshold of the APW7079’s switch is 600mA. For
choosing an inductor which has peak current passed,
firstly, it is necessary to consider the output load (I
OUT),
input (V
IN), and output voltage (VOUT). Secondly, the de-
sired current ripple in the inductor also needed to be
taken into account. The current was calculated in “Output
Capacitor Selection”. Since the output ripple is the prod-
uct of the peak inductor current and the output capacitor
ESR, the larger inductor value reduces the inductor cur-
rent ripple and output voltage ripple but typically offers a
larger physical size.
The inductor value also slightly affects the maximum out-
put current. The maximum output current can be calcu-
lated as below:


Similar Part No. - APW7079-30DI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707918DI-TRG ANPEC-APW707918DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707926DI-TRG ANPEC-APW707926DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707928DI-TRG ANPEC-APW707928DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707930DI-TRG ANPEC-APW707930DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
More results

Similar Description - APW7079-30DI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com