Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7101-18BI-TRL Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7101-18BI-TRL
Description  1.5MHz, 600mA, Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7101-18BI-TRL Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7101-18BI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2008
APW7101
www.anpec.com.tw
2
Ordering and Marking Information
APW7101 -
Package Code
B : SOT-23-5
Temperature Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Voltage Code
15: 1.5V
18: 1.8V Blank : Adjustable Version
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
°
Handling Code
Temperature Range
Package Code
APW7101-15 :
019X
Assembly Material
Voltage Code
X - Date Code
APW7101 :
W01X
X - Date Code
APW7101-18 :
01CX
X - Date Code
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish;
which are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-
020C for MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and
halogen free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed
1500ppm by weight).
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
Input Supply Voltage (VCC to GND)
-0.3V to 6V
V
VRUN
RUN Pin Voltage
-0.3V to (VCC+0.3V)
V
VFB
Feedback Voltage
-0.3V to (VCC+0.3V)
V
VSW
Switching Voltage
-0.3V to (VCC+0.3V)
V
ISW_PEAK
Peak SW Current
1.3
A
PD
Average Power Dissipation
0.5
W
TJ
Junction Temperature, TA < 50°
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction to Ambient Thermal Resistance in Free Air
250
°C/W
Thermal Characteristics


Similar Part No. - APW7101-18BI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104ABI-TRG ANPEC-APW7104ABI-TRG Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104BI-TRG ANPEC-APW7104BI-TRG Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104BTI-TRG ANPEC-APW7104BTI-TRG Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
More results

Similar Description - APW7101-18BI-TRL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com